Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EGP30A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part No. EGP30A
Description  3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGP30A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  EGP30A Datasheet HTML 1Page - TAITRON Components Incorporated EGP30A Datasheet HTML 2Page - TAITRON Components Incorporated EGP30A Datasheet HTML 3Page - TAITRON Components Incorporated EGP30A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
EGP30A – EGP30K
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Note: Thermal resistance from junction to ambient at 0.375” (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Symbol
Description
EGP30A
EGP30B
EGP30D
EGP30G
EGP30J
EGP30K
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
1.70
2.20
V
IF=3.0 A
5
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
120
µA
TA=125° C
Trr
Typical Reverse
Recovery Time
35
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
35
pF
VR=4V, f=1MHz
RthJA
Typical Thermal
Resistance
20
°C / W
Note
TJ
Operating
Temperature range
-55 to +175
TSTG
Storage
Temperature
Range
-55 to +175
° C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn