Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EGP30A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. EGP30A
Description  3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGP30A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  EGP30A Datasheet HTML 1Page - TAITRON Components Incorporated EGP30A Datasheet HTML 2Page - TAITRON Components Incorporated EGP30A Datasheet HTML 3Page - TAITRON Components Incorporated EGP30A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
EGP30A – EGP30K
3.0A Sintered Glass Passivated
Super Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Low forward voltage, high current capability
• Low leakage current, high surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.04ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
EGP30A
EGP30B
EGP30D
EGP30G
EGP30J
EGP30K
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
125
115
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-201AD


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn