Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EGP20A Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part No. EGP20A
Description  2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGP20A Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  EGP20A Datasheet HTML 1Page - TAITRON Components Incorporated EGP20A Datasheet HTML 2Page - TAITRON Components Incorporated EGP20A Datasheet HTML 3Page - TAITRON Components Incorporated EGP20A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
EGP20A – EGP20K
www.taitroncomponents.com
Page 4 of 4
Dimensions in inches (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
DO-15
(DO-204AC)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UGP20A2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGP10A1.0A Sintered Glass Passivated Super Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGP15A1.5A Sintered Glass Passivated Super Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGF2A2.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 5 TAITRON Components Incorporated
SF8A01-GGlass Passivated Super Fast Recovery Rectifier 1 2 Comchip Technology
UGF2A2.0A Sintered Glass Passivated Ultra Fast Rectifier 1 2 3 4 TAITRON Components Incorporated
SF8A01F-GGlass Passivated Super Fast Recovery Rectifier 1 2 Comchip Technology
EGF1A1.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 TAITRON Components Incorporated
SF10A01-GGlass Passivated Super Fast Recovery Rectifier 1 2 Comchip Technology
EGF3AB3.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 5 TAITRON Components Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn