Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C2V4-F Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. BZT52C2V4-F
Description  410mW Two Terminals SMD Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZT52C2V4-F Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BZT52C2V4-F Datasheet HTML 1Page - TAITRON Components Incorporated BZT52C2V4-F Datasheet HTML 2Page - TAITRON Components Incorporated BZT52C2V4-F Datasheet HTML 3Page - TAITRON Components Incorporated BZT52C2V4-F Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-10-11
BZT52C2V4-F – BZT52C51-F
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
410mW Two Terminals
SMD Zener Diodes
410mW Two Terminals SMD Zener Diodes
Features
• Planar Die Construction
• 410mW Power Dissipation
• Zener Voltage 2.4v to 51v
• RoHS Compliance
Mechanical Data
Case:
SOD-123F, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solderable per MIL-STD-202G,Method 208
Polarity:
Color band denotes cathode
Approx Weight:
0.01 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VF
Forward Voltage Drop
0.9
V
IF=10mA
Ptot
Power Dissipation
410
mW
Ta=25 °C (Note 1)
IFSM
Peak Forward Surge Current,8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
2.0
A
(Note 2)
TJ
Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
Note: 1. Mounted on 5.0mm²(0.13mm thick ) land areas
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses
per minute maximum
SOD-123F


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT52C2V4410mW Two Terminals SMD Zener Diodes 1 2 3 4 TAITRON Components Incorporated
1N4148WTwo Terminals SMD Switching Diodes 1 2 3 4 5 TAITRON Components Incorporated
1N4148WSTwo Terminals SMD Switching Diodes 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WSTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WTTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WUTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-400WTTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-400WUTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
BAT54Multiple Terminals SMD Schottky Diodes 1 2 3 4 5 MoreTAITRON Components Incorporated
1N708AHermetically Sealed Axial Lead Silicon Zener Diodes 1 Central Semiconductor Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn