Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C2V4 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part No. BZT52C2V4
Description  410mW Two Terminals SMD Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZT52C2V4 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  BZT52C2V4 Datasheet HTML 1Page - TAITRON Components Incorporated BZT52C2V4 Datasheet HTML 2Page - TAITRON Components Incorporated BZT52C2V4 Datasheet HTML 3Page - TAITRON Components Incorporated BZT52C2V4 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A/AH 2007-08-17
410mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 3 of 4
BZT52C2V4 - BZT52C51
Fig.2- Typical Forward Characteristic
VF, Forward Voltage (V)
Fig.1- Power Dissipation
Temperature (°C)
Norminal Zener Voltage
@
IZT
Test
Current
VZ(V)
Max. Zener Impedance
Max. Reverse
Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT@
IZT
ZZK@
IZK
IZK(mA)
IR (
μA)
VR(V)
BZT52C51
XA
51
48
54
5
100
750
1
0.1
38
Typical Characteristics Curves
Fig.3-Typical Zener Impedance
Vz, Normal Zener Voltage (V)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N4148WSTwo Terminals SMD Switching Diodes 1 2 3 4 5 TAITRON Components Incorporated
1N4148WTwo Terminals SMD Switching Diodes 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WSTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WTTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-160WUTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-400WTTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
TWD4148-400WUTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
BAT54Multiple Terminals SMD Schottky Diodes 1 2 3 4 5 MoreTAITRON Components Incorporated
CZRW5221B-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
SZ3GA7.53.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES 1 2 Solid States Devices, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn