Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP7.0A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 5KP7.0A
Description  5000W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

5KP7.0A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  5KP7.0A Datasheet HTML 1Page - TAITRON Components Incorporated 5KP7.0A Datasheet HTML 2Page - TAITRON Components Incorporated 5KP7.0A Datasheet HTML 3Page - TAITRON Components Incorporated 5KP7.0A Datasheet HTML 4Page - TAITRON Components Incorporated 5KP7.0A Datasheet HTML 5Page - TAITRON Components Incorporated 5KP7.0A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. C/AH 2008-02-25
5KP5.0A~180CA
5000W Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
5000W Transient Voltage Suppressor
Features
Stand-off voltage from 5.0 to 220 volts
Glass passivated junction
5000W Peak Pulse Power capability on 10/1000μs waveform
repetition rate(duty cycle): 0.05%
Fast response time: typically less than 1.0ps from 0v to VBR
Low incremental surge resistance, excellent clamping capability
High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg tension)
This series is UL recognized under component index. File number E315008
RoHS Compliant
Mechanical Data
Case:
Molded plastic body over glass passivated junction
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Color band denotes the cathode except Bi-directional
Mounting position:
Any
Weight:
0.07 ounce, 2.1 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
VWM
Stand-Off Voltage
5.0 to 180
V
PPPM
Peak Pulse Power Dissipation on 10/1000μs
Waveform(Note 1)
Minimum 5000
W
IPPM
Peak Pulse Current on 10/1000μs Waveform(Note 1)
See Table
A
IFSM
Peak Forward Surge Current 8.3ms Single Half Sine-
wave, Uni-directional only (Note 3)
400
A
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 to 175
° C
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
T6L


Similar Part No. - 5KP7.0A

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
5KP7.0A RUILON-5KP7.0A Datasheet
771Kb / 7P
   Transient Voltage Suppressors
logo
Surge Components
5KP7.0A SURGE-5KP7.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Semitech Semic...
5KP7.0A SEMITECH-5KP7.0A Datasheet
508Kb / 4P
   Low profile package
logo
Shenzhen Luguang Electr...
5KP7.0A LUGUANG-5KP7.0A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
First Components Intern...
5KP7.0A FCI-5KP7.0A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5KP7.0A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com