Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP5.0A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 5KP5.0A
Description  5000W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

5KP5.0A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  5KP5.0A Datasheet HTML 1Page - TAITRON Components Incorporated 5KP5.0A Datasheet HTML 2Page - TAITRON Components Incorporated 5KP5.0A Datasheet HTML 3Page - TAITRON Components Incorporated 5KP5.0A Datasheet HTML 4Page - TAITRON Components Incorporated 5KP5.0A Datasheet HTML 5Page - TAITRON Components Incorporated 5KP5.0A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5000W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
5KP5.0A~180CA
www.taitroncomponents.com
Page 3 of 6
Breakdown Voltage
@
IT
P/N
Stand-Off
Voltage
V BR
Max.
Clamping
Vltg. @
IPPM
Max.
Peak
Pulse
Current
Max. Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
(Note3)
V WM (V)
Min.
Max.
IT
(mA)
VC (V)
IPPM (A)
(Note1)
ID (
μA)
(Note1)
5KP36A
5KP36CA
36.0
40.0
44.2
58.1
86.1
2.0
5KP40A
5KP40CA
40.0
44.4
49.1
64.5
77.6
2.0
5KP43A
5KP43CA
43.0
47.8
52.8
69.4
72.1
2.0
5KP45A
5KP45CA
45.0
50.0
55.3
72.7
68.8
2.0
5KP48A
5KP48CA
48.0
53.3
58.9
77.4
64.7
2.0
5KP51A
5KP51CA
51.0
56.7
62.7
82.4
60.7
2.0
5KP54A
5KP54CA
54.0
60.0
66.3
87.1
57.5
2.0
5KP58A
5KP58CA
58.0
64.4
71.2
93.6
53.5
2.0
5KP60A
5KP60CA
60.0
66.7
73.7
96.8
51.7
2.0
5KP64A
5KP64CA
64.0
71.1
78.6
103.0
48.6
2.0
5KP70A
5KP70CA
70.0
77.8
86.0
113.0
44.3
2.0
5KP75A
5KP75CA
75.0
83.3
92.1
121.0
41.4
2.0
5KP78A
5KP78CA
78.0
86.7
95.8
126.0
39.7
2.0
5KP85A
5KP85CA
85.0
94.4
104.0
137.0
36.5
2.0
5KP90A
5KP90CA
90.0
100.0
111.0
146.0
34.3
2.0
5KP100A
5KP100CA
100.0
111.0
123.0
162.0
30.9
2.0
5KP110A
5KP110CA
110.0
122.0
135.0
177.0
28.3
2.0
5KP120A
5KP120CA
120.0
133.0
147.0
193.0
26.0
2.0
5KP130A
5KP130CA
130.0
144.0
159.0
209.0
24.0
2.0
5KP150A
5KP150CA
150.0
167.0
185.0
243.0
20.6
2.0
5KP160A
5KP160CA
160.0
178.0
197.0
259.0
19.3
2.0
5KP170A
5KP170CA
170.0
189.0
209.0
275.0
18.2
2.0
5KP180A
5KP180CA
180.0
200.0
221.0
5.0
292.0
17.6
2.0
Note:
1. Surge current waveform per Fig. 3 and derate per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.


Similar Part No. - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP5.0A SURGE-5KP5.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Shunye Electro...
5KP5.0A SHUNYE-5KP5.0A Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
5KP5.0A DIGITRON-5KP5.0A Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
5KP5.0A BILIN-5KP5.0A Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5KP5.0A CHENDA-5KP5.0A Datasheet
685Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com