Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3520TSY-30000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC3520TSY-30000M
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC3520TSY-30000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC3520TSY-30000M Datasheet HTML 1Page - Ecliptek Corporation EC3520TSY-30000M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC35
CERAMIC
5.0V
OS90
01/06
EC35 00 ET T TSY - 30.000M TR
FREQUENCY TOLERANCE / STABILITY
00=±100ppm Maximum (Standard)
45=±50ppm Maximum
25=±25ppm Maximum
20=±20ppm Maximum
OPERATING TEMPERATURE RANGE
Blank=-10°C to 70°C (Standard)
ET=-40°C to 85°C
PART NUMBERING GUIDE
*Compliant to EIA 481A
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Tolerances= +0.1
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-202, Method 210
Resistance to Solvents
MIL-STD-202, Method 215
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Pin 1: Tri-State
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
PACKAGING OPTIONS
Blank=Bulk (Standard)
TR=Tape and Reel
FREQUENCY
DUTY CYCLE
Blank=50 ±10(%) (Standard)
T=50 ±5(%)
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN 13.0±0.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
18.4 MAX
180 MAX
12.4+2-0
1,000
REEL
A
B
C
D
E
F
12.0±0.2
5.5±0.1
6.5±0.1
4.0±0.1
2.0±0.1
F
G
H
J
K
L
8.0±0.1
B0* 1.5 +0.1-0.0
A0*
0.30 ±0.05
K0*
TAPE
Line 1: E XX.XXX
Frequency in MHz (5 Digits Maximum + Decimal)
Line 2: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier


Similar Part No. - EC3520TSY-30000M

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EC35 FERROXCUBE-EC35 Datasheet
52Kb / 2P
   EC cores and accessories
logo
Relpol S.A.
EC35 RELPOL-EC35 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
EPCOS
EC350X EPCOS-EC350X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
EC350XN EPCOS-EC350XN Datasheet
538Kb / 6P
   SURGE ARRESTERS
logo
List of Unclassifed Man...
EC3581 ETC2-EC3581 Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3520TSY-30000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com