Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2720TTS-30000M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC2720TTS-30000M
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2720TTS-30000M Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC2720TTS-30000M Datasheet HTML 1Page - Ecliptek Corporation EC2720TTS-30000M Datasheet HTML 2Page - Ecliptek Corporation EC2720TTS-30000M Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC27 Series
• RoHS Compliant (Pb-Free)
• LVHCMOS output
• 2.5V Supply Voltage
• Ceramic SMD package
• Stability to ±20ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EC27
CERAMIC
2.5V
OS52
11/06
OSCILLATOR
EC27
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Aging (at 25°C)
Start Up Time (T
S)
RMS Phase Jitter
1.544MHz to 9.999MHz
10.000MHz to 24.999MHz
25.000MHz to 34.999MHz
35.000MHz to 49.999MHz
50.000MHz to 69.999MHz
70.000MHz to 110.000MHz
110.001MHz to 125.000MHz
125.001MHz to 150.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of Waveform, 1.544MHz to 24MHz
20% to 80% of Waveform, 24.001MHz to 110MHz
20% to 80% of Waveform, 110.001MHz to 150MHz
50% of Waveform
50% of Waveform (at 25°C, at Vdd=2.5Vdc over >125MHz)
No Connection
V
IH: >90% of VDD
V
IL: <10% of VDD
Disabled Output: High Impedance
12kHz to 20MHz offset frequency
0°C to 70°C or -40°C to 85°C
-55°C to 125°C
2.5V
DC ±5%
3mA Maximum
5mA Maximum
8mA Maximum
15mA Maximum
20mA Maximum
25mA Maximum
35mA Maximum
45mA Maximum
±100ppm, ±50ppm, ±25ppm,
or ±20ppm
90% of V
DD Minimum IOH=-8mA
10% of V
DD Maximum IOL=+8mA
6 nSeconds Maximum
4 nSeconds Maximum
2 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
±5ppm /year Maximum
10 mSeconds Maximum
1pSeconds Maximum
H 1.6
L 7.0
W 5.0
1.544MHz to 125.000MHz, 125.009MHz, 125.00937MHz, 125.010MHz, 127.000MHz, 128.000MHz,
130.000MHz, 132.000MHz, 133.000MHz, 133.333MHz, 137.472MHz, 142.850MHz, and 150.000MHz


Similar Part No. - EC2720TTS-30000M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results

Similar Description - EC2720TTS-30000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com