Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2820ETTS-32.000M-G Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC2820ETTS-32.000M-G
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2820ETTS-32.000M-G Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC2820ETTS-32.000M-G Datasheet HTML 1Page - Ecliptek Corporation EC2820ETTS-32.000M-G Datasheet HTML 2Page - Ecliptek Corporation EC2820ETTS-32.000M-G Datasheet HTML 3Page - Ecliptek Corporation EC2820ETTS-32.000M-G Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC28
14 pin DIP
2.5V
OS53
07/06
EC28 Series
• RoHS Compliant (Pb-free)
• HCMOS output
• 2.5V supply voltage
• 14 pin DIP package
• Stability to ±20ppm
• Custom lead length,
gull wing options available
OSCILLATOR
EC28
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range (MHz)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time (T
S)
Period Jitter: Absolute
Period Jitter: One Sigma
±100ppm, ±50ppm, or 25ppm
±20ppm
<24.000MHz
>24.000MHz
Inclusive of Operating Temperature
Range, Supply Voltage, and Load
20% to 80% of Waveform <24.000MHz
20% to 80% of Waveform >24.000MHz
at 50% of Waveform
V
IH :No Connection
V
IH :>90% of VDD
V
IL :<10% of VDD
1.544MHz to 33.000MHz
0°C to 70°C or -40°C to 85°C
0°C to 70°C
-55°C to 125°C
2.5V
DC ±5%
10mA Maximum
20mA Maximum
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum (0°C to 70°C Only)
90% of V
DD Minimum IOH=-4mA
10% of V
DD Minimum IOL=+4mA
6 nSeconds Maximum
4 nSeconds Maximum
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
15pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±5ppm / year Maximum
10 mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
5.08
W 20.8
L 13.2


Similar Part No. - EC2820ETTS-32.000M-G

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A Datasheet
131Kb / 2P
   28mm Size Encoder Type
EC28A ALPS-EC28A Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
EC28A1520401 ALPS-EC28A1520401 Datasheet
131Kb / 2P
   28mm Size Encoder Type
EC28A1520401 ALPS-EC28A1520401 Datasheet
1Mb / 3P
   28mm Size Ring Type
logo
List of Unclassifed Man...
EC28A1520401 ETC-EC28A1520401 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC2820ETTS-32.000M-G

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com