Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3345SJTS-25.000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC3345SJTS-25.000M
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC3345SJTS-25.000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC3345SJTS-25.000M Datasheet HTML 1Page - Ecliptek Corporation EC3345SJTS-25.000M Datasheet HTML 2Page - Ecliptek Corporation EC3345SJTS-25.000M Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC33
PLASTIC
2.5V
OS93
08/06
EC33 Series
• Plastic surface mount package
• 2.5V supply voltage
• HCMOS output
• Stability to ±50ppm
• Available on tape and reel
OSCILLATOR
EC33
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_______________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range (MHz)
1.544MHz to 32.768MHz
Operating Temperature Range
0°C to 70°C or -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage (V
DD)
2.5V
DC ±5%
Aging (at 25°C)
±5ppm / year Maximum
Input Current
≤24.000MHz
10mA Maximum
>24.000MHz
20mA Maximum
Frequency Tolerance / Stability*
Inclusive of Operating Temperature Range,
±100ppm Maximum or
Supply Voltage, and Load
±50ppm Maximum (0°C to 70°C only)
Output Voltage Logic High (V
OH)
90% of V
DD Minimum
I
OH = -4mA
Output Voltage Logic Low (V
OL)
10% of V
DD Maximum
I
OL = +4mA
Rise Time / Fall Time
≤24.000MHz 20% to 80% of Waveform
6 nSec Maximum
>24.000MHz 20% to 80% of Waveform
4 nSec Maximum
Duty Cycle
at 50% of Waveform
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
Load Drive Capability
15pF HCMOS Load Maximum
Tri-State Input Voltage
No Connection
Enables Output
V
IH :
≥90% of V
DD
Enables Output
V
IL :
≤10% of V
DD
Disables Output: High Impedance
Start Up Time
10 mSeconds Maximum
Period Jitter: Absolute
±100pSeconds Maximum
Period Jitter: One Sigma
±25pSeconds Maximum
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
4.7
L 14.0
W
9.8
OBSOLETE


Similar Part No. - EC3345SJTS-25.000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3 ECLIPTEK-EC3 Datasheet
101Kb / 3P
   CRYSTAL
logo
Silicon Laboratories
EC3 SILABS-EC3 Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
logo
Ecliptek Corporation
EC3-20-30.000M-CL150 ECLIPTEK-EC3-20-30.000M-CL150 Datasheet
101Kb / 3P
   CRYSTAL
EC3-20-30.000M-CL175 ECLIPTEK-EC3-20-30.000M-CL175 Datasheet
101Kb / 3P
   CRYSTAL
EC3-20-30.000M-I2 ECLIPTEK-EC3-20-30.000M-I2 Datasheet
101Kb / 3P
   CRYSTAL
More results

Similar Description - EC3345SJTS-25.000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com