Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRL9802OSA Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSRL9802OSA
Description  200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9802OSA Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSRL9802OSA Datasheet HTML 1Page - Wall Industries,Inc. PSRL9802OSA Datasheet HTML 2Page - Wall Industries,Inc. PSRL9802OSA Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9802OS Series
200 Watt Single Output
N + 1 Parallel Redundancy
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
Overall size: 6.8(L) x 3.8(W) x 1.5(H) inches; Weight: 600g. (Optional Top Cover)
I/O CONNECTOR PIN ASSIGNMENT
AC Input Connector (CN1):
Mating Molex Part No. 09-91-0500 or equivalent (5 pin,3 used) PCB is Labeled: L = Line; N = Neutral;
G = Chassis Ground Mating Pins; Molex Engineering Series 2478, 2578, 8818 or Howder Terminal block Part No.
FTB-702-3P (3 pin).
Output Connector (CN2):
Mating Molex Part No. 09-91-1200 (12 pin), or Howder Terminal block Part No. HD-301-4P (4 pin).
Output Pin Assignment:
See Output Pin Connection table above.
Logic signal connector (CN3):
Mating JST XHP-6 or equivalent (CHYAO SHIUNN JS-2001-06).
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Mounting Inserts:
8 Places M4. Maximum Penetration 4mm see outline drawing for location.
OUTPUT PIN CONNECTION
Howder
Molex
Vo+: Pins 1 – 2
Vo+: Pins 1 – 6
Vo-: Pins 3 – 4
Vo-: Pins 7 – 12


Similar Part No. - PSRL9802OSA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827F18 WALL-PSRL9827F18 Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FA WALL-PSRL9827FA Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FB WALL-PSRL9827FB Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FC WALL-PSRL9827FC Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
More results

Similar Description - PSRL9802OSA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
   Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
   Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
logo
ETA-USA
ZWE250-SX-F-W ETA-USA-ZWE250-SX-F-W Datasheet
444Kb / 3P
   200 Watt AC/DC POWER SUPPLY
logo
Wall Industries,Inc.
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
   40 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
   240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
   320 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
   60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com