Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST63140 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 5 Page - STMicroelectronics

  ST63140 Datasheet HTML 1Page - STMicroelectronics ST63140 Datasheet HTML 2Page - STMicroelectronics ST63140 Datasheet HTML 3Page - STMicroelectronics ST63140 Datasheet HTML 4Page - STMicroelectronics ST63140 Datasheet HTML 5Page - STMicroelectronics ST63140 Datasheet HTML 6Page - STMicroelectronics ST63140 Datasheet HTML 7Page - STMicroelectronics ST63140 Datasheet HTML 8Page - STMicroelectronics ST63140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
®
8-BIT HCMOS MCUs FOR
TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
ST63140, ST63142
ST63126, ST63156
4.5 to 6V operating Range
8MHz Maximum Clock Frequency
User Program ROM:
7948 bytes
Reserved Test ROM:
244 bytes
Data ROM:
user selectable size
Data RAM:
256 bytes
Data EEPROM:
128 bytes
40-Pin Dual in Line Plastic Package for the
ST63126, 156
28-Pin Dual in Line Plastic Package for the
ST63140, 142
Up to 18 software programmable general pur-
pose Inputs/Outputs, including 8 direct LED
driving Outputs
3 Inputs for keyboard scan (KBY0-2)
Up to 4 high voltage outputs (BSW0-3)
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
Digital Watchdog Function
Serial Peripheral Interface (SPI) supporting
S-BUS/ I
2C BUS and standard serial protocols
Up to Four 6-bit PWM D/A Converters
62.5kHz Output pin
14 bit counter for voltage synthesis tuning
(ST63156, ST63140)
AFC A/D converter with 0.5V resolution
Four interrupt vectors (IRIN/NMI, Timer 1 & 2,
VSYNC.)
On-chip clock oscillator
5 Lines by 15 Characters On-Screen Display
Generator with 128 Characters (2 banks)
All ROM types are supported by pin-to-pin
EPROM and OTP versions.
The development tool of the ST631xx microcon-
trollers consists of the ST63TVS-EMUemulation
and development system to be connected via a
standard RS232 serial line to an MS-DOS Per-
sonal Computer.
This is Preliminary information from SGS-THOMSON. Details are subject to change without notice.
October 1993
PRELIMINARY DATA
DEVICE
ROM
(Bytes)
TUN.
I/O Pins
Package
ST63126
8K
FS
12
PDIP40
ST63156
8K
VS
11
PDIP40
ST63140
8K
VS
6
PDIP28
ST63142
8K
FS
6
PDIP28
DEVICE SUMMARY
1
PDIP28
1
PDIP40
(Ordering Information at the end of the datasheet)
1/82


Similar Part No. - ST63140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6316 STMICROELECTRONICS-ST6316 Datasheet
329Kb / 7P
   8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
ST6317 STMICROELECTRONICS-ST6317 Datasheet
329Kb / 7P
   8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
ST6318 STMICROELECTRONICS-ST6318 Datasheet
329Kb / 7P
   8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
ST631K STMICROELECTRONICS-ST631K Datasheet
56Kb / 7P
   LOW VOLTAGE PNP POWER TRANSISTOR
More results

Similar Description - ST63140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6391 STMICROELECTRONICS-ST6391 Datasheet
560Kb / 68P
   8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
ST63P06 STMICROELECTRONICS-ST63P06 Datasheet
329Kb / 7P
   8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
ST7271 STMICROELECTRONICS-ST7271 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
ST6380 STMICROELECTRONICS-ST6380 Datasheet
718Kb / 82P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
logo
NXP Semiconductors
84C44X PHILIPS-84C44X Datasheet
267Kb / 38P
   8-bit microcontrollers with OSD and VST
October 1994
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
logo
STMicroelectronics
ST90E27 STMICROELECTRONICS-ST90E27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62E25CF1 STMICROELECTRONICS-ST62E25CF1 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com