Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRL5017RU3-24I Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL5017RU3-24I
Description  Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5017RU3-24I Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL5017RU3-24I Datasheet HTML 1Page - Wall Industries,Inc. PSRL5017RU3-24I Datasheet HTML 2Page - Wall Industries,Inc. PSRL5017RU3-24I Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5017R3-
I Series
Up to 300 Watts
Single Output with Active PFC
Forced Current Sharing Series
AC/DC Switching Power Supply
FEATURES
● 2 Year Warranty
● N+1 Active Current Sharing
● Optional Top Cover Available
● Universal AC Input / Full Range
● Peak Power 900W within 500uS duty duration
● Power Factor Corrected to EN61000-3-2 Class D
● High Power Density (Max. 9.1 Watts per cubic inch)
● Approved to UL/CUL/TUV/CB/CE & Class B Emissions
● U-Chassis & Enclosed with Built-in Fan Mechanical Options
SPECIFICATIONS: PSRL5017R3-I Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 - 264 VAC Full Range (PSRL5017Rx8-
I 800W Series: 180 - 264 VAC only).
Input Current
5A at 90VAC and full load.
Input Frequency
47 to 63Hz
Inrush Current
70A max. @ 230VAC with full load cold start.
Leakage Current
3.5mA max. @ 240VAC.
Remote ON/OFF
Designated as RSW on CN3, requires a low signal to inhibit output.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
300 Watts max with airflow. (See Note 4)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
See Table
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-On & Off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output voltage exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 85°C and automatic recovery.
Over-Power Protection
Fold back mode 110-140% and auto-recovery.
Input Voltage Protection
Power shut down under 80 ±5VAC, and recovered over 86VAC
Input Fusing Protection
A T10A/250V fuse inserted in primary.
GENERAL SPECIFICATIONS
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% minimum for other outputs @ 230VAC and full load.
Withstand Voltage
1500 VAC input line to chassis (10mA DC cut off current); 3000VAC between primary and secondary
windings. Primary to core 1500VAC. All for 3 seconds.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Active power factor correction meets EN61000-3-2 class D.
Power Good
Designated as PG on the CN3 and TTL high 100-500ms after regulation. It goes low at least 1ms before loss
of regulation for Power on Reset signal.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max allowable resistance is 0.1 ohm.
PSRL5017R3-
I Series: 8(L) x 4.33(W) x 2.5(H) inches


Similar Part No. - PSRL5017RU3-24I

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017RU3-24 WALL-PSRL5017RU3-24 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
More results

Similar Description - PSRL5017RU3-24I

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R8-NI WALL-PSRL5017R8-NI Datasheet
424Kb / 4P
   Up to 800 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R6-I WALL-PSRL5017R6-I Datasheet
341Kb / 3P
   Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
   Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5 WALL-PSRL5017R5 Datasheet
334Kb / 3P
   Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL0402-I WALL-PSRL0402-I Datasheet
294Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com