Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSCDA24 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSCDA24
Description  2.0A Low Profile Chip Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCDA24 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSCDA24 Datasheet HTML 1Page - TAITRON Components Incorporated TSCDA24 Datasheet HTML 2Page - TAITRON Components Incorporated TSCDA24 Datasheet HTML 3Page - TAITRON Components Incorporated TSCDA24 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.0A Low Profile Chip Schottky Rectifier
TSCDA22-TSCDA210
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 4
Fig.4- Typical Reverse Characteristics
Percent of Rated Reverse Voltage (%)
Fig.1- Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Typical Characteristics Curves
Fig.3- Typical Forward Characteristics
VF Instantaneous Forward Voltage (V)
Number of Cycles at 60Hz


Similar Part No. - TSCDA24

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCDA24L TAITRON-TSCDA24L Datasheet
191Kb / 4P
   2.0A Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCDA24

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCDA22L TAITRON-TSCDA22L Datasheet
191Kb / 4P
   2.0A Low Profile Chip Schottky Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
   2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
   2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
logo
TAITRON Components Inco...
TSCD032WS TAITRON-TSCD032WS Datasheet
236Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCDA12L TAITRON-TSCDA12L Datasheet
184Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
TSCD012WUR TAITRON-TSCD012WUR Datasheet
206Kb / 3P
   100mA Low Profile Chip Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com