Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA5A4V Datasheet(PDF) 2 Page - Topstek Inc.

Part # TA5A4V
Description  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TA5A4V Datasheet(HTML) 2 Page - Topstek Inc.

  TA5A4V Datasheet HTML 1Page - Topstek Inc. TA5A4V Datasheet HTML 2Page - Topstek Inc. TA5A4V Datasheet HTML 3Page - Topstek Inc. TA5A4V Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Topstek Current Transducer TA5A4V .. TA50A4V
- 9 -
www.topstek.com
TA
V080201
7/1/2008
Model number and date code marking
5A to 25A PCB mounting hole layout
1.5
1.6
TA18.5A4V
TA20A4V
TA15A4V
1.5
1.5
TA10A4V
1.4
1.5
TA12.5A4V
TA7.5A4V
1.3
e*
(mm)
d*
(mm)
1.0
1.3
a*
(mm)
TA5A4V
Part
Number
TA25A4V
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
1.0
1.2
1.4
1.6
1.4
1.4
1.4
1.6
1.6
1.8
2.0
2.0
2.0
2.0
2.2
Appearance, dimensions and pin identification for 5A to 25A models
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted


Similar Part No. - TA5A4V

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
TA5A DIWELL-TA5A Datasheet
499Kb / 5P
   Topstek Current Transducer TA5A4V
10/11/2011
More results

Similar Description - TA5A4V

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com