Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRL0402MX-48 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL0402MX-48
Description  400 Watt with Airflow Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0402MX-48 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL0402MX-48 Datasheet HTML 1Page - Wall Industries,Inc. PSRL0402MX-48 Datasheet HTML 2Page - Wall Industries,Inc. PSRL0402MX-48 Datasheet HTML 3Page - Wall Industries,Inc. PSRL0402MX-48 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0402M Series
400 Watt with Airflow
Single Output Medical Approved
AC/DC Medical Power Supply with Active PFC
SPECIFICATIONS (CONTINUED)
GENERAL SPECIFICATIONS (CONTINUED)
Grounding Test
Apply 40A from ground pin to the earthed connection point. Max allowable resistance is 0.1 ohm.
Current Sharing
Designated as CSH on the CN3, optional single wired forced current sharing function and parallel up to 4
units within 10% accuracy at full load.
Current Monitor
Designated as CMN on the CN3 for current sense for a 0.5V to 3VDC to represent 0% to 100% output current.
Margin
Designated as MAG on the CN3 providing 50% of output voltage remote adjustment by applying 0.4 ~ 5V
signal on MAG.
AC Fail (optional)
Designated as ACF on the CN3 to monitor the input voltage, when input goes under 80 ±5VAC the signal will
go low (0) and then go high (+5V) once reappears over 86VAC.
LED Display
Bi-color green LED in front panel (E Type only). Any protection occurred or RSW applied low signal will emit
orange.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
Frequency 5 ~ 50Hz, acceleration ±7.35 m/(s x s) on X, Y, and Z axis.
Cooling
U Type (U-Chassis): 400W max with 23CFM airflow or 250W max under convection cooling.
E Type (Enclosed with side built-in fan): 400W
Fan Drive
12VDC/400mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 1.3Kg
E Type (Enclosed with side built-in fan): 1.6Kg
Dimensions
U Type (U-Chassis): 8(L) x 5(W) x 1.6(H) inches.
E Type (Enclosed with side built-in fan): 9(L) x 5(W) x 1.6(H) inches.
Warranty
2 years
SAFETY
Emissions
FCC part15, CISPR 22 Class B, Conducted.
Safety Regulations
Approved to UL60950-1/ 60601-1, CSA C22.2 No. 60950-1-03/ 601.1-M90, TUV EN60950-1/ 60601-1,
CE Mark (LVD) EN61204-3/ 60601-1-2/ 61000-3-2,3, and IEC61000-4 Series Regulations and CB.
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Model
Output Voltage
Range
Preset
Voltage
Type U
(Convection)
Type U (with forced air)
& Type E
Regulation
Ripple &
Noise
PSRL0402Mx-03(I)
2 – 3.3 VDC
3.3 VDC
45A
60A
+/- 1%
+/- 1%
PSRL0402Mx-05(I)
5 – 6 VDC
5 VDC
45A
60A
+/- 1%
+/- 1%
PSRL0402Mx-12(I)
12 – 15 VDC
12 VDC
20.84A
33.33
+/- 1%
+/- 1%
PSRL0402Mx-18(I)
16 – 21 VDC
18 VDC
13.89A
22.22
+/- 1%
+/- 1%
PSRL0402Mx-24(I)
22 – 30 VDC
24 VDC
10.42A
16.67
+/- 1%
+/- 1%
PSRL0402Mx-36(I)
31 – 41 VDC
36 VDC
6.94A
11.11
+/- 1%
+/- 1%
PSRL0402Mx-48(I)
42 – 58 VDC
48 VDC
5.21A
8.33
+/- 1%
+/- 1%
NOTES
1. PSRL0402M Series is designated as PSRL0402Mx-yz where x can be blank (U-chassis), C (U-chassis with top cover), or
E (Enclosed with side built-in fan), y can be 03, 05, 12, 18, 24, 36, or 48 for output voltage, z can be blank or I where I
denote forced current sharing option (OR-ring diode). See PSRL0402M-I Series for forced current sharing.
2. PSRL0402MU Series: 400W max. with 23CFM airflow or 250W max. under convection cooling; (Option: Top Cover)
3. PSRL0402ME Series: 400W max. with built-in fan flow.
4. All output ranges are covered in agency certification and the preset voltage will be set as standard models. If any request
is not standard output, please contact us prior to ordering.
5. Providing peak power to 700W within 500uS for all models, longer duty duration need contact manufacture.
6. 1% minimum load is required to maintain the ripple and regulation.
7. Output is fully isolated.


Similar Part No. - PSRL0402MX-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0402MX-48I WALL-PSRL0402MX-48I Datasheet
296Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
More results

Similar Description - PSRL0402MX-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0402DM WALL-PSRL0402DM Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSRL0402D WALL-PSRL0402D Datasheet
293Kb / 4P
   400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC
PSRL0402M-I WALL-PSRL0402M-I Datasheet
296Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402-I WALL-PSRL0402-I Datasheet
294Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
logo
CINCON ELECTRONICS Corp...
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
ULTRA LEVEL TECH CO., L...
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com