Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THL32A Datasheet(PDF) 2 Page - Topstek Inc.

Part # THL32A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

THL32A Datasheet(HTML) 2 Page - Topstek Inc.

  THL32A Datasheet HTML 1Page - Topstek Inc. THL32A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Topstek Current Transducer THL3A .. THL50A
- 51 -
www.topstek.com
THL
V080201
7/1/2008
Positive current flow direction
1.2
0.8
THL5A
THL6A
0.8
1.2
2.4
1.6
2.4
1.6
2.2
1.4
1.8
1.4
2.2
1.2
1.8
1.2
1.2
1.6
THL25A
THL20A
THL18.5A
THL15A
1.2
THL12.5A
THL10A
e(mm)
THL7.5A
1.0
0.8
THL4A
Part
Number
THL3A
d(mm)
0.6
PCB mounting hole layout
I +
-15V
VOUT
V0
+15V
I -
Pin Assignment
max
Primary
Secondary pins 4x(0.5x0.25)
Bottom View
2.4
1.6
THL30A
:
THL50A
Appearance, dimensions and pin identification
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - THL32A

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THL3-2410WI TOUCHSTONE-THL3-2410WI Datasheet
304Kb / 3P
   DC/DC Converters
THL3-2410WI TOUCHSTONE-THL3-2410WI Datasheet
302Kb / 3P
   DC/DC Converters
logo
TRACO Electronic AG
THL3-2410WI TRACOPOWER-THL3-2410WI Datasheet
272Kb / 3P
   DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL3-2410WI TRACOPOWER-THL3-2410WI Datasheet
272Kb / 3P
   DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL3-2410WISM TRACOPOWER-THL3-2410WISM Datasheet
272Kb / 3P
   DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results

Similar Description - THL32A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com