Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TH3A Datasheet(PDF) 2 Page - Topstek Inc.

Part No. TH3A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPSTEK [Topstek Inc.]
Homepage  http://www.topstek.com
Logo 

TH3A Datasheet(HTML) 2 Page - Topstek Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Topstek Current Transducer TH3A .. TH50A
- 39 -
www.topstek.com
TH
V080201
7/1/2008
max
Primary
Secondary pins 4x(0.5x0.25)
Positive current flow direction
4-6A
0.8
1.2
2.2
1.4
1.8
1.2
1.6
13-18.5A
1.2
10-12.5A
e(mm)
6-9A
1.0
Part
Number
1-3A
d(mm)
0.6
PCB mounting hole layout
I -
-15V
Vout
0V
I +
Pin Assignment
+15V
2.4
1.6
20-30A
Bottom View
Appearance, dimensions and pin identification for TH3A .. TH30A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMC200ATopstek Current Transducer 1 2 Topstek Inc.
THDD5ATopstek Current Transducer 1 2 Topstek Inc.
TMBH100ATopstek Current Transducer 1 2 Topstek Inc.
TMB100ATopstek Current Transducer 1 2 Topstek Inc.
TQPV50ATopstek Current Transducer 1 2 Topstek Inc.
TMA25ATopstek Current Transducer 1 2 Topstek Inc.
TGH3ATopstek Current Transducer 1 2 Topstek Inc.
TQM200ATopstek Current Transducer 1 2 Topstek Inc.
TKV3ATopstek Current Transducer 1 2 3 Topstek Inc.
TGD3ATopstek Current Transducer 1 2 Topstek Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn