Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TK7.5A Datasheet(PDF) 3 Page - Topstek Inc.

Part No. TK7.5A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPSTEK [Topstek Inc.]
Homepage  http://www.topstek.com
Logo 

TK7.5A Datasheet(HTML) 3 Page - Topstek Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Topstek Current Transducer TK3A .. TK50A
- 64 -
www.topstek.com
TK
V080201
7/1/2008
25A to 50A PCB mounting hole layout
I -
-15V
Vout
0V
I +
Pin Assignment
max
max
Secondary pins 4x(0.5x0.3)
Primary
+15V
e(mm)
Part
Number
TK30A
d(mm)
1.6x2.8
TK50A
TK37.5A
Bottom View
TK25A
1.6x2.8
1.6x3.2
1.6x3.2
Positive current flow direction
1x2.8
1x2
1x2
1x2.8
Appearance, dimensions and pin identification for TK25A .. TK50A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMC200ATopstek Current Transducer 1 2 Topstek Inc.
TH3ATopstek Current Transducer 1 2 3 Topstek Inc.
TMBH100ATopstek Current Transducer 1 2 Topstek Inc.
TMB100ATopstek Current Transducer 1 2 Topstek Inc.
TQPV50ATopstek Current Transducer 1 2 Topstek Inc.
TMA25ATopstek Current Transducer 1 2 Topstek Inc.
TGH3ATopstek Current Transducer 1 2 Topstek Inc.
TQM200ATopstek Current Transducer 1 2 Topstek Inc.
TKV3ATopstek Current Transducer 1 2 3 Topstek Inc.
TGD3ATopstek Current Transducer 1 2 Topstek Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn