Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPW120B-1Y24P Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPW120B-1Y24P
Description  120 Watts with PFC AC/DC Open Frame Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW120B-1Y24P Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPW120B-1Y24P Datasheet HTML 1Page - Wall Industries,Inc. PSPW120B-1Y24P Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPW120 Series
120 Watts with PFC
5” x 3” x 1.18” Single Output
AC/DC Open Frame Power Supply
OUTPUT VOLTAGE /CURRENT RATING CHART
MODEL
Output
Voltage
Min Load
Max. Output Current
(convection cooling)
Output
Power
Output
Regulation
Ripple &
Noise
PSPW120B-1Y12P
12 VDC
0A
10A
120W
3%
120mV
PSPW120B-1Y15P
15 VDC
0A
8A
120W
2%
150mV
PSPW120B-1Y18P
18 VDC
0A
6.67A
120W
2%
180mV
PSPW120B-1Y19P
19 VDC
0A
6.32A
120W
2%
190mV
PSPW120B-1Y24P
24 VDC
0A
5A
120W
2%
240mV
NOTES
1. At 25°C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings.
2. Peak-to-peak with 20mHz bandwidth with a tantalum 10uF capacitor in parallel with a 0.1uF ceramic capacitor.
MECHANICAL DRAWING
MATCHING CONNECTORS
CN1 = AC INPUT MOLEX P/N:
09-65-2029 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT)
CN2 = DC OUTPUT MOLEX P/N:
09-65-2068 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-52-4064 (OR EQUIVALENT)


Similar Part No. - PSPW120B-1Y24P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW150 WALL-PSPW150 Datasheet
130Kb / 4P
   AC/DC Switching Power Supplies
PSPW150B-1Y12-O WALL-PSPW150B-1Y12-O Datasheet
130Kb / 4P
   AC/DC Switching Power Supplies
PSPW150B-1Y12-U WALL-PSPW150B-1Y12-U Datasheet
130Kb / 4P
   AC/DC Switching Power Supplies
PSPW150B-1Y15-O WALL-PSPW150B-1Y15-O Datasheet
130Kb / 4P
   AC/DC Switching Power Supplies
PSPW150B-1Y15-U WALL-PSPW150B-1Y15-U Datasheet
130Kb / 4P
   AC/DC Switching Power Supplies
More results

Similar Description - PSPW120B-1Y24P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPW60 WALL-PSPW60 Datasheet
122Kb / 2P
   40-60 Watts AC/DC Open Frame Power Supply
logo
CUI INC
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
   open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
   open frame ac-dc power supply
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
   open frame AC/DC power supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
   AC/DC Open Frame Power Supply
logo
CUI INC
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
   open frame AC/DC power supply
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com