Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPT65 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPT65
Description  Triple Output Up to 68 Watts AC/DC Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPT65 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPT65 Datasheet HTML 1Page - Wall Industries,Inc. PSPT65 Datasheet HTML 2Page - Wall Industries,Inc. PSPT65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPT65 Series
Triple Output
Up to 68 Watts
AC/DC Power Supply
FEATURES
• 2 Year Warranty
• 100% Full Load Burn-In Test
• Universal AC Input/ Full Range
• Low Leakage Current < 0.75mA
• Cooling by Free Air Convection
• Fixed Switching Frequency at 65KHz
• Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSPT65 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC (127 – 370VDC)
Input Frequency
47 ~ 440Hz
AC Current (typical)
1.5A @ 115VAC
0.9A @ 230VAC
Inrush Current
20A @ 115VAC cold start
40A @ 230VAC cold start.
Leakage Current
< 0.75mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance (See Note 3)
PSPT-65A,B,C:
CH 1: ±4% CH.2: ±7%
CH 3: ±5%
PSPT-65D:
CH 1: ±4% CH.2: ±6%
CH 3: ±6%
Voltage Adjustment Range
CH1: 4.75 ~ 5.5V
Output Power (max)
Rated output power for convection; 72W with 18CFM min. forced air.
Line Regulation
PSPT-65A,B,C:
CH 1: ±1%
CH.2: ±2%
CH 3: ±1%
PSPT-65D:
CH 1: ±1%
CH.2: ±2%
CH 3: ±3%
Load Regulation
PSPT-65A,B,C:
CH 1: ±3%
CH.2: ±4%
CH 3: ±1%
PSPT-65D:
CH 1: ±2%
CH.2: ±5%
CH 3: ±5%
Output Current
See Table
Ripple & Noise (See Note 2)
See table
Setup, Rise Time
800ms, 20ms at full load
Hold Up Time
60ms at full load
Temperature Coefficient
±0.04%/°C (0~50°C) on +5V output.
PROTECTION
Over Voltage Protection
CH.1: 5.75 ~ 6.75VDC on CH 1
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Overload Protection
73 ~ 95W rated output power.
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
65KHz
Efficiency (typical)
See table
Withstand Voltage
3KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG). All for one minute.
Isolation Resistance
100MΩ / 500VDC (input to output, input to FG, output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity (non-condensing)
20% ~ 90% RH non-condensing
Storage Humidity (non-condensing)
10% ~ 95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
MTBF
277,200 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
28 oz.
Dimensions
127(L) x 76(W) x 42(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 Approved
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A.


Similar Part No. - PSPT65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPT-45A WALL-PSPT-45A Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT-45B WALL-PSPT-45B Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT-45C WALL-PSPT-45C Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
More results

Similar Description - PSPT65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
   Dual Output Up to 45 Watts AC/DC Power Supply
PSPD25 WALL-PSPD25 Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
   Single Output Up to 48 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
   Dual Output Up to 65 Watts AC/DC Power Supply
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
   Dual Output Up to 45 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com