Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450XAM1R501A2G2 Datasheet(PDF) 2 Page - CTS Corporation

Part # 450XAM1R501A2G2
Description  Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450XAM1R501A2G2 Datasheet(HTML) 2 Page - CTS Corporation

  450XAM1R501A2G2 Datasheet HTML 1Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 2Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 3Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 4Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 5Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 6Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 7Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 8Page - CTS Corporation 450XAM1R501A2G2 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical and Mechanical Specifications (continued)
Shaft Information
Molded Shafts —
Length :
available up to 11/2" (38.1mm) in
1/8" (3.2mm) increments
Special — Some molded shaft designs
available up to 2" (50.8mm). Consult CTS
Diameter :
.240" – .246" (6.10mm – 6.25mm)
Color :
Metal Shafts : Aluminum standard
Length :
Special — Consult CTS
Diameter :
Special — Consult CTS
Metal Tubing Shafts —
Length :
Special — Consult CTS
Outside Diameter :
Rear Extended Shafts — 265" (6.73mm) or .250"(6.35mm)
Metal or molded rear extended shafts available.
Typical Constructions
The following is basic information on the most
common CTS 15/16" (24mm) diameter composition
variable resistor constructions supplied to our
customers. Space limitations prohibit showing the
virtually thousands of additional constructions fabri-
cated to exacting customer specifications. For your
special applications the CTS engineering staff is
at your disposal for designing the best and most
economical construction to meet your requirements.
Vernier Constructions
This construction is designed for fine tuning
applications. It provides precision adjustments
in 3700° (10
turns) or 2000° (5
turns)
1
/2
1
/4
Long Life Construction
This construction provides an extended life of 250,000
cycles (with a limited rotation angle) and is available
with resistance ranging from 10K ohms to 5 megohms,
linear taper only. Consult CTS for other tapers.
Locating Lugs (Bushing Mounted Style)
Standard Position : Left side with terminals facing inward
Available : No lug, right lug or two lugs with terminals
Standard — Round, Flatted & knurled shafts
Diameter over knurl —
Colors are available.
Standard — Up to 3" in 1/8" increments.
Standard — .250" (6.35mm)
Standard — Up to 3" (76.2mm)
facing inward
2 - 9
CTS Electronic Components
www.ctscorp.com
01/25/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450XAM1R501A2G2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results

Similar Description - 450XAM1R501A2G2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com