Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5118SDI-00-GT3 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5118SDI-00-GT3
Description  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5118SDI-00-GT3 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5118SDI-00-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5118SDI-00-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
Doc. No. MD-2120 Rev. J
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTIONS
Pin Number
CAT5110/
CAT5125
CAT5118/
CAT5123
CAT5119/
CAT5124
Pin
Name
Description
1
1
1
VDD
Power Supply
2
2
2
GND
Ground
3
3
3
U/D
¯
Up/Down
¯¯¯¯¯ Control Input. With CS
¯¯ low, a low-to-high transition
increments or decrements the wiper position.
4
4
4
CS
¯¯
Chip Select Input. A high-to-low CS
¯¯ transition determines the
mode: increment if U/D
¯ is high, or decrement if U/D
¯ is low.
-
-
5
L
Low Terminal of Resistor
5
-
-
W
Wiper Terminal of Resistor
6
6
6
H
High Terminal of Resistor
ABSOLUTE MAXIMUM RATINGS(1)
Parameters
Ratings
Units
VDD to GND
-0.3 to +6
V
All Other Pins to GND
-0.3 to (VDD + 0.3)
V
Input and Output Latch-Up Immunity
±200
mA
Maximum Continuous Current into H, L and W
100kΩ
50kΩ
10kΩ
±0.6
±1.3
±1.3
mA
Continuous Power Dissipation (TA = +70ºC)
5-pin SC-70
(2)
6-pin SC-70
(2)
247
245
mW
Operating Temperature Range
-40 to +85
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65 to +150
ºC
Soldering Temperature (soldering, 10s)
+300
ºC
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) Derate 3.1mW/ºC above TA = +70ºC


Similar Part No. - CAT5118SDI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5118SDI-00-GT3 CATALYST-CAT5118SDI-00-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5118SDI-00-GT3 CATALYST-CAT5118SDI-00-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5118SDI-00-GT3 ONSEMI-CAT5118SDI-00-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
More results

Similar Description - CAT5118SDI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com