Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TKV3A Datasheet(PDF) 3 Page - Topstek Inc.

Part No. TKV3A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPSTEK [Topstek Inc.]
Homepage  http://www.topstek.com
Logo 

TKV3A Datasheet(HTML) 3 Page - Topstek Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Topstek Current Transducer TKV 3A .. TKV 50A
- 79 -
www.topstek.com
TKV
V080227
7/1/2008
Primary
Secondary pins 4x(0.5x0.25)
PCB mounting hole layout
I -
-15V
VOUT
0V
I +
Pin Assignment
+15V
Bottom View
Appearance, dimensions and pin identification for TKV 30A..TKV 50A models
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted.
Nominal Primary Current
30—37.5A
40--50A
d (mm)
1.6
2.0
e (mm)
2.2
2.6


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMC200ATopstek Current Transducer 1 2 Topstek Inc.
TMBH100ATopstek Current Transducer 1 2 Topstek Inc.
TMB100ATopstek Current Transducer 1 2 Topstek Inc.
TQPV50ATopstek Current Transducer 1 2 Topstek Inc.
TMA25ATopstek Current Transducer 1 2 Topstek Inc.
TQM200ATopstek Current Transducer 1 2 Topstek Inc.
TQL100ATopstek Current Transducer 1 2 Topstek Inc.
TQL50ATopstek Current Transducer 1 2 Topstek Inc.
TQH5ATopstek Current Transducer 1 2 Topstek Inc.
TQE500A-T5Topstek Current Transducer 1 2 Topstek Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn