Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TKV3A Datasheet(PDF) 1 Page - Topstek Inc.

Part No. TKV3A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPSTEK [Topstek Inc.]
Homepage  http://www.topstek.com
Logo 

TKV3A Datasheet(HTML) 1 Page - Topstek Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Topstek Current Transducer TKV 3A .. TKV 50A
- 77 -
www.topstek.com
TKV
V080227
7/1/2008
TKV 3A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TKV3A .. TKV50A
TKV3A-B12 .. TKV50A-B12
Nominal Input Current
Ifn
A DC
3 .. 50
Linear Range
Ifs
A DC
±9 .. ±150 = 3x Ifn
±7.2 .. ±120 = 2.4x Ifn
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
±12V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±16 mA max
Response Time (90%Vhn)
Tr
Psec
3
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of Zero Current Offset
-
mV/°C
Within
±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance @ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
10 g


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMC200ATopstek Current Transducer 1 2 Topstek Inc.
TMBH100ATopstek Current Transducer 1 2 Topstek Inc.
TMB100ATopstek Current Transducer 1 2 Topstek Inc.
TQPV50ATopstek Current Transducer 1 2 Topstek Inc.
TMA25ATopstek Current Transducer 1 2 Topstek Inc.
TQM200ATopstek Current Transducer 1 2 Topstek Inc.
TQL100ATopstek Current Transducer 1 2 Topstek Inc.
TQL50ATopstek Current Transducer 1 2 Topstek Inc.
TQH5ATopstek Current Transducer 1 2 Topstek Inc.
TQE500A-T5Topstek Current Transducer 1 2 Topstek Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn