Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5118TBI-00T3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5118TBI-00T3
Description  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5118TBI-00T3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5118TBI-00T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5118TBI-00T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-2120 Rev. J
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT5110/5118/5119/5123/5124/5125 consist of a
fixed resistor and a wiper contact with 32-tap points
that are digitally controlled through a 2-wire up/down
serial interface. Three end-to-end resistance values
are available: 10kΩ, 50kΩ and 100kΩ.
The CAT5110/5125 is designed to operate as a
potentiometer. In this configuration, the low terminal of
the resistor array is connected to ground (pin 2).
The CAT5118/5123 performs as a variable resistor. In
this device, the wiper terminal and high terminal of the
resistor array are connected at pin 5. The
CAT5119/5124 is a similar variable resistor, except
the low terminal is connected to pin 5.
Digital Interface Operation
The MiniPots have two modes of operation when the
serial interface is active: increment and decrement
mode. The serial interface is only active when CS
¯¯ is low.
The CS
¯¯ and U/D
¯ inputs control the position of the
wiper along the resistor array. When CS
¯¯ transitions
from high to low, the part will go into increment mode
if U/D
¯ input is high, and into decrement mode when
U/D
¯ input is low. Once the mode is set, the device will
remain in that mode until CS
¯¯ goes high again. A low-
to-high transition at the U/D
¯ pin will increment or
decrement the wiper position depending on the
current mode (Figures 1 and 2).
When the CS
¯¯ input transitions to high (serial interface
inactive), the value of the counter is stored and the
wiper position is maintained.
Note that when the wiper reaches the maximum (or
minimum) tap position, the wiper will not wrap around
to the minimum (or maximum) position.
Power-On Reset
All parts in this family feature power-on reset (POR)
circuitry that sets the wiper position to midscale at
power-up. By default, the chip is in the increment mode.
Figure 1. Serial Interface Timing Diagram, Increment Mode
Figure 2. Serial Interface Timing Diagram, Decrement Mode
CS
U/D
W
t CU
t IL
tIH
tSETTLE
tIC
tCI
t SETTLE
Note: "W" is not a digital signal. It represents wiper transitions.
CS
U/D
W
t CU
t IL
t IH
t IC
t SETTLE
t CI
t SETTLE
Note: "W" is not a digital signal. It represents wiper transitions.


Similar Part No. - CAT5118TBI-00T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5118TBI-00-GT10 CATALYST-CAT5118TBI-00-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5118TBI-00-GT10 CATALYST-CAT5118TBI-00-GT10 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5118TBI-00-GT3 CATALYST-CAT5118TBI-00-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5118TBI-00-GT3 CATALYST-CAT5118TBI-00-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5118TBI-00-GT3 ONSEMI-CAT5118TBI-00-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
More results

Similar Description - CAT5118TBI-00T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com