Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219-280TD-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT6219-280TD-GT3
Description  500mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6219-280TD-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT6219-280TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6219-280TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT6219
Doc. No. MD-10009 Rev. D
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
2.75
2.80
2.85
2.90
2.95
0
50 100 150 200 250 300 350 400 450 500
OUTPUT LOAD CURRENT (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE (V)
TYPICAL CHARACTERISTICS (shown for 2.85V output version)
VIN = 3.85V, IOUT = 100μA, CIN = 1µF, COUT = 2.2μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Dropout Characteristics
Line Regulation
2.82
2.83
2.84
2.85
2.86
2.87
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Load Regulation
Output Voltage vs. Temperature
Ground Current vs. Load Current
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400 450 500
OUTPUT LOAD CURRENT (mA)
Ground Current vs. Temperature
45
49
53
57
61
65
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (ºC)
500mA
0.1mA
2.82
2.83
2.84
2.85
2.86
2.87
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (ºC)


Similar Part No. - CAT6219-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-280TDGT3 ONSEMI-CAT6219-280TDGT3 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219-280TDGT3 ONSEMI-CAT6219-280TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com