Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219-250TD-GT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT6219-250TD-GT3
Description  500mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6219-250TD-GT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT6219-250TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6219-250TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT6219
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-10009 Rev. D
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (1)
VIN = VOUT + 1.0V, VEN = High, IOUT = 100μA, CIN = 1µF, COUT = 2.2µF, ambient temperature of 25ºC (over
recommended operating conditions unless specified otherwise). Bold numbers apply for the entire junction
temperature range.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
-1.0
+1.0
VOUT-ACC Output Voltage Accuracy
Initial accuracy for VOUT ≥ 2.0V
(4)
-2.0
+2.0
%
TCOUT
Output Voltage Temp. Coefficient
40
ppm/ºC
-0.2
±0.1
+0.2
VR-LINE Line Regulation
VIN = VOUT + 1.0V to 5.5V
-0.4
+0.4
%/V
1
1.5
VR-LOAD Load Regulation
IOUT = 100μA to 500 mA
2
%
300
400
VDROP
Dropout Voltage
(2)
IOUT = 500mA
500
mV
55
75
IOUT = 0μA
90
IGND
Ground Current
IOUT = 500mA
85
μA
1
IGND-SD Shutdown Ground Current
VEN < 0.4V
2
μA
f = 1kHz, CBYP = 10nF
64
PSRR
Power Supply Rejection Ratio
f = 20kHz, CBYP = 10nF
54
dB
ISC
Output short circuit current limit
VOUT = 0V
600
800
mA
TON
Turn-On Time
CBYP = 10nF
150
μs
eN
Output Noise Voltage
(3)
BW = 10Hz to 100kHz
45
μVrms
ROUT-SH Shutdown Switch Resistance
250
REN
Enable pull-down resistor
2.5
MΩ
VIN-UVLO Under voltage lockout threshold
2.15
V
ESR
COUT equivalent series resistance
5
500
mΩ
VADJ
Adjustable input voltage
IOUT = 100μA
1.2
1.24
1.27
V
Enable Input
VIN = 2.3 to 5.5V
1.8
VHI
Logic High Level
VIN = 2.3 to 5.5V, 0ºC to
+125ºC junction temperature
1.6
V
VLO
Logic Low Level
VIN = 2.3 to 5.5V
0.4
V
VEN = 0.4V
0.15
1
IEN
Enable Input Current
VEN = VIN
1.5
4
μA
Thermal Protection
TSD
Thermal Shutdown
160
ºC
THYS
Thermal Hysteresis
10
ºC
Notes:
(1) Specification for 2.85V output version unless specified otherwise.
(2) Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at
1V differential. During test, the input voltage stays always above the minimum 2.3V.
(3) Specification for 1.8V output version.
(4) For VOUT < 2.0V, the initial accuracy is
±2% and across temperature ±3%.


Similar Part No. - CAT6219-250TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-250TDGT3 ONSEMI-CAT6219-250TDGT3 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219-250TDGT3 ONSEMI-CAT6219-250TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-250TD-GT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com