Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6218 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT6218
Description  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT6218 Datasheet HTML 1Page - Catalyst Semiconductor CAT6218 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT6218
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-10010 Rev. C
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (1)
VIN = VOUT + 1.0V, VEN = High, IOUT = 100μA, CIN = COUT = 1µF, ambient temperature of 25ºC (over recommended
operating conditions unless specified otherwise). Bold numbers apply for the entire junction temperature range.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
-1.0
+1.0
VOUT-ACC Output Voltage Accuracy
Initial accuracy for VOUT ≥ 2.0V
(4)
-2.0
+2.0
%
TCOUT
Output Voltage Temp. Coefficient
40
ppm/ºC
-0.2
±0.1
+0.2
VR-LINE Line Regulation
VIN = VOUT + 1.0V to 5.5V
-0.4
+0.4
%/V
0.7
1.2
VR-LOAD Load Regulation
IOUT = 100μA to 300 mA
1.5
%
180
250
VDROP
Dropout Voltage
(2)
IOUT = 300mA
300
mV
55
75
IOUT = 0μA
90
IGND
Ground Current
IOUT = 300mA
80
μA
1
IGND-SD Shutdown Ground Current
VEN < 0.4V
2
μA
f = 1kHz, CBYP = 10nF
64
PSRR
Power Supply Rejection Ratio
f = 20kHz, CBYP = 10nF
54
dB
ISC
Output short circuit current limit
VOUT = 0V
180
mA
TON
Turn-On Time
CBYP = 10nF
150
μs
eN
Output Noise Voltage
(3)
BW = 10Hz to 100kHz
45
μVrms
ROUT-SH Shutdown Switch Resistance
250
REN
Enable pull-down resistor
2.5
MΩ
VUVLO
Under-voltage lock out (UVLO)
threshold
2.1
V
ESR
COUT equivalent series resistance
5
500
mΩ
Enable Input
VIN = 2.3 to 5.5V
1.8
VHI
Logic High Level
VIN = 2.3 to 5.5V, 0ºC to
+125ºC junction temperature
1.6
V
VLO
Logic Low Level
VIN = 2.3 to 5.5V
0.4
V
VEN = 0.4V
0.15
1
IEN
Enable Input Current
VEN = VIN
1.5
4
μA
Thermal Protection
TSD
Thermal Shutdown
160
ºC
THYS
Thermal Hysteresis
10
ºC
Notes:
(1
Specification for 2.85V output version unless specified otherwise.
(2) Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at
1V differential. During test, the input voltage stays always above the minimum 2.3V.
(3) Specification for 1.8V output version.
(4) For VOUT < 2.0V, the initial accuracy is ±2% and across temperature ±3%.


Similar Part No. - CAT6218

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6218-150TDGT3 ONSEMI-CAT6218-150TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218-150TDGT3 ONSEMI-CAT6218-150TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Similar Description - CAT6218

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com