Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5132ZI-50-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5132ZI-50-GT3
Description  16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132ZI-50-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5132ZI-50-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132ZI-50-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT5132
5
Doc No. MD-2124, Rev. E
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
POWER UP TIMING (1)(2)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
o
P1
s
m
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
o
P1
s
m
XDCP TIMING
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
t
O
P
R
W
e
l
b
a
t
S
y
l
p
p
u
S
r
e
w
o
P
r
e
t
f
A
e
m
i
T
e
s
n
o
p
s
e
R
r
e
p
i
W5
0
1s
µ
t
L
R
W
d
e
u
s
s
I
n
o
i
t
c
u
r
t
s
n
I
r
e
t
f
A
e
m
i
T
e
s
n
o
p
s
e
R
r
e
p
i
W5
0
1s
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
t
R
W
)
2
.
g
i
F
e
e
s
(
e
m
i
T
e
l
c
y
C
e
t
i
r
W5
s
m
WRITE CYCLE LIMITS
The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle.
During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not
respond to its slave address.
RELIABILITY CHARACTERISTICS
Notes:
1.
This parameter is tested initially and after a design or process change that affects the parameter.
2.
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pd
o
h
t
e
M
t
s
e
T
e
c
n
e
r
e
f
e
Rn
i
Mx
a
Ms
t
i
n
U
N
D
N
E
)
1
(
e
c
n
a
r
u
d
n
E3
3
0
1
d
o
h
t
e
M
t
s
e
T
,
3
8
8
-
D
T
S
-
L
I
M0
0
0
,
0
0
1s
e
l
c
y
C
T
R
D
)
1
(
n
o
i
t
n
e
t
e
R
a
t
a
D8
0
0
1
d
o
h
t
e
M
t
s
e
T
,
3
8
8
-
D
T
S
-
L
I
M0
0
1s
r
a
e
Y
TYPICAL PERFORMANCE CHARACTERISTICS
Resistance between RW and RL
0.000
2.000
4.000
6.000
8.000
10.000
12.000
0
163248648096
112
128
Tap position
Vcc=2.7V; V+=8v
Vcc=5.5V; V+=16V
Icc2 (NV write) vs Temperature
0
50
100
150
200
250
300
350
400
-50
-30
-10
10
30
50
70
90
110 130
Temperature (°C)
Vcc = 2.7V
Vcc = 5.5V


Similar Part No. - CAT5132ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132ZI-50-GT3 CATALYST-CAT5132ZI-50-GT3 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-50-GT3 ONSEMI-CAT5132ZI-50-GT3 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results

Similar Description - CAT5132ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com