Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5132 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5132
Description  16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5132_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. MD-2124, Rev. E
CAT5132
FEATURES
s Single linear DPP with 128 taps
s End-to-end resistance of 10k
Ω, 50kΩ
Ω or 100kΩ
s I2C interface
s Fast Up/Down wiper control mode
s Non-volatile wiper setting storage
s Automatic wiper setting recall at power-up
s Digital Supply range (V
CC): 2.7V to 5.5V
s Analog Supply range (V+): +8V to +16V
s Low Standby Current: 15
µA
s 100 Year wiper setting memory
s Industrial Temperature range: -40oC to +85oC
s RoHS-compliant 10-pin MSOP package
APPLICATIONS
s LCD screen adjustment
s Volume control
s Mechanical potentiometer replacement
s Gain adjustment
s Line impedance matching
s VCOM setting adjustments
DESCRIPTION
The CAT5132 is a high voltage Digitally Programmable
Potentiometer (DPP) with non-volatile wiper setting
memory, operating like a mechanical potentiometer.
The tap points between the 127 equal resistive elements
are connected to the wiper output via CMOS switches.
The switches are controlled by a 7-bit Wiper Control
Register (WCR). The wiper setting can be stored in a
7-bit non-volatile Data Register (DR). The WCR is
accessed via the I2C serial bus.
Upon power-up, the WCR is set to mid-scale (1000000).
After the power supply is stable, the contents of the DR
are transferred to the WCR and the wiper is returned to
the memorized setting.
The CAT5132 has two voltage supplies: VCC, the digital
supply and V+, the analog supply. V+ can be much
higher than VCC, allowing for 16V analog operations.
The CAT5132 can be used as a potentiometer or as a
two-terminal variable resistor.
SDA
SCL
A0
A1
VCC
CONTROL LOGIC AND
ADDRESS DECODE
128 TAP POSITION
DECODE CONTROL
7-BIT WIPER
CONTROL
REGISTER
(WCR)
7-BIT
NONVOLATILE
MEMORY
REGISTER
(DR)
V+
RH
RL
RW
127
0
BLOCK DIAGRAM
For Ordering Information details, see page 13.
16 Volt Digitally Programmable Potentiometer (DPP™)
with 128 Taps and I2C Interface


Similar Part No. - CAT5132_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
More results

Similar Description - CAT5132_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com