Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQM200A Datasheet(PDF) 1 Page - Topstek Inc.

Part No. TQM200A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPSTEK [Topstek Inc.]
Homepage  http://www.topstek.com
Logo 

TQM200A Datasheet(HTML) 1 Page - Topstek Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer TQM200A
- 114 -
www.topstek.com
TQM200A
V080201
7/1/2008
TQM200A
Features
iHighly reliable Closed Loop Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 200 kHz)
iLow power consumption (9 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment eg. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TQM200A
Nominal Input Current
Ipn
A DC
±200
Supply Voltage Range
VCC/VEE
V
±12 --- ±15
Supply Voltage ±5%
VCC/VEE
V
±12
±15
Consumption Current
ICC
mA
15 mA + Is
Measuring Range
Ifs
A DC
±200
±250
±200
±300
Maximum Load Resistance
RMmax
26
4
56
8
Minimum Load Resistance
RMmin
0
0
0
0
Conversion Ratio
KN
1:2000
Secondary Current @ Ipn
Is
mA
100
Secondary Resistance
RMmax
<72 @ 25°C, <80 @ 80°C
Offset Current
Ios
mA
Within ±0.3 mA @ Ip=0, Ta=25°C
Overall Accuracy @ Ipn
%
Within ±0.3% of Ifn
Linearity
%
Within ±0.1% of Ifn
Response Time (90%Vhn)
Tr
Psec
1
Psec max. @ d If /dt = Ipn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to100kHz
Thermal Drift of Output
-
mA
Within ±0.5mA
0°C~80°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-20°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
51 g


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn