Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5120SDI-50GT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5120SDI-50GT3
Description  16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5120SDI-50GT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5120SDI-50GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5120SDI-50GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT5120, CAT5121, CAT5122
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-2121 Rev. E
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Timing Characteristics (Figures 1, 2)
U/D
¯ Mode to CS
¯¯ Setup
tCU
25
ns
CS
¯¯ to U/D
¯ Step Setup
tCI
50
ns
CS
¯¯ to U/D
¯ Step Hold
tIC
25
ns
U/D
¯ Step Low Period
tIL
25
ns
U/D
¯ Step High Period
tIH
25
ns
Up/Down
¯¯¯¯¯ Toggle Rate(1)
fTOGGLE
1
MHz
100kΩ variable resistor
configuration, CL = 10pF
1
Output Settling Time
(2)
tSETTLE
100kΩ potentiometer
configuration, CL = 10pF
0.25
μs
Power Supply
Supply Voltage
VDD
2.7
5.5
V
Active Supply Current
(3)
IDD
25
µA
Standby Supply Current
(4)
ISB
VDD = +5V
0.3
1
µA
TYPICAL OPERATING CHARACTERISTICS
TA = 25ºC, unless otherwise noted.
Notes:
(1) Up/Down Toggle Rate:
SETTLE
TOGGLE
t
1
=
f
(2) Typical settling times are dependent on end-to-end resistance.
(3) Supply current measured while changing wiper tap, fTOGGLE = 1MHz.
(4) Supply current measured while wiper position is fixed.
VDD= 5.5V
VDD= 2.7V
08
4
121620
24
WIPER POSITION
TEMPERATURE (ºC)
TEMPERATURE (ºC)
VDD= 2.7V
28
32
50K
VDD= 5.5V


Similar Part No. - CAT5120SDI-50GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5120SDI-50GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com