Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4240 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT4240
Description  6 Watt Boost LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4240 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT4240 Datasheet HTML 2Page - Catalyst Semiconductor CAT4240 Datasheet HTML 3Page - Catalyst Semiconductor CAT4240 Datasheet HTML 4Page - Catalyst Semiconductor CAT4240 Datasheet HTML 5Page - Catalyst Semiconductor CAT4240 Datasheet HTML 6Page - Catalyst Semiconductor CAT4240 Datasheet HTML 7Page - Catalyst Semiconductor CAT4240 Datasheet HTML 8Page - Catalyst Semiconductor CAT4240 Datasheet HTML 9Page - Catalyst Semiconductor CAT4240 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT4240
Doc. No. MD-5026 Rev. C
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
VIN is the supply input for the internal logic. The
device is compatible with supply voltages down to
2.8V and up to 5.5V. It is recommended that a small
bypass ceramic capacitor (4.7μF) be placed between
the VIN and GND pins near the device. If the supply
voltage drops below 1.9V, the device stops switching.
SHDN
¯¯¯¯¯ is the shutdown logic input. When the pin is
tied to a voltage lower than 0.4V, the device is in
shutdown mode, drawing nearly zero current. When
the pin is connected to a voltage higher than 1.5V, the
device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground plane on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and
the Schottky diode anode should be connected to the
SW pin. Traces going to the SW pin should be as
short as possible with minimum loop area. An over-
voltage detection circuit is connected to the SW pin.
When the voltage reaches 40V, the device enters a
low power operating mode preventing the SW voltage
from exceeding the maximum rating.
FB feedback pin is regulated at 0.3V. A resistor
connected between the FB pin and ground sets the
LED current according to the formula:
ILED = 0.3V/R1
The lower LED cathode is connected to the FB pin.
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
¯¯¯¯¯
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.
SIMPLIFIED BLOCK DIAGRAM
VIN
VIN
VOUT
Current
Sense
Ref
300mV
LED
Current
C1
RS
SHDN
Thermal
Shutdown
& UVLO
1MHz
Oscillator
Over Voltage
Protection
PWM
&
Logic
Driver
C2
GND
SW
FB
R1
+


Similar Part No. - CAT4240

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4240 CATALYST-CAT4240 Datasheet
313Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT4240TD-GT3 CATALYST-CAT4240TD-GT3 Datasheet
313Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
   6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
More results

Similar Description - CAT4240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
   6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
logo
Catalyst Semiconductor
CAT4240 CATALYST-CAT4240 Datasheet
313Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com