Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238TD-GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT4238TD-GT3
Description  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT4238TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT4238
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5019 Rev. C
Characteristics subject to change without notice
OPEN LED PROTECTION
In the event of an “Open LED” fault condition, the
CAT4238 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 40V. Once the output exceeds this
level, the internal circuitry immediately places the
device into a very low power mode where the total
input power is limited to about 6mW (about 1.6mA
input current with a 3.6V supply). The SW pin clamps
at a voltage below its maximum rating of 60V. There is
no need to use an external zener diode between Vout
and the FB pin. A 50V rated C2 capacitor is required
to prevent any overvoltage damage in the open LED
condition.
Open LED Protection without Zener
Open LED Switching Waveforms
without Zener
Open LED Supply Current vs. VIN
without Zener
0.0
1.0
2.0
3.0
4.0
5.0
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
Open LED Output Voltage vs. VIN
without Zener
35
40
45
50
55
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
VIN
CAT4238
VIN
L
Schottky 100V
(Central CMSH1-100)
VOUT
R1
15Ω
VFB = 300mV
4.7µF
C1
0.22µF
C2
FB
SHDN
SW
GND
OFF ON
47µH


Similar Part No. - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Similar Description - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com