Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238TD-GT3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT4238TD-GT3
Description  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT4238TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT4238
Doc. No. MD-5019 Rev. C
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATION INFORMATION
External Component Selection
Capacitors
The CAT4238 only requires small ceramic capacitors
of 4.7μF on the input and 0.22µF on the output. Under
normal condition, a 4.7µF input capacitor is sufficient.
For applications with higher output power, a larger
input capacitor of 10µF may be appropriate. X5R and
X7R capacitor types are ideal due to their stability
across temperature range.
Inductor
A 47µH inductor is recommended for most of the
CAT4238 applications. In cases where the efficiency
is critical, inductances with lower series resistance are
preferred. Inductors with current rating of 300mA or
higher are recommended for most applications.
Sumida CDC5D23B-470 47µH inductor has a rated
current of 490mA and a series resistance (D.C.R.) of
420m
Ω typical.
Schottky Diode
The current rating of the Schottky diode must exceed
the peak current flowing through it. The Schottky
diode performance is rated in terms of its forward
voltage at a given current. In order to achieve the best
efficiency, this forward voltage should be as low as
possible. The response time is also critical since the
driver is operating at 1MHz. Central Semiconductor
Schottky diode CMDSH05-4 (500mA rated) is
recommended for most applications.
LED Current Setting
The LED current is set by the external resistor R1
connected between the feedback pin (FB) and
ground. The formula below gives the relationship
between the resistor and the current:
R1 = 0.3V/LED current
LED current (mA)
R1 (
Ω)
5
60
10
30
15
20
20
15
25
12
30
10
Table 1. Resistor R1 and LED current


Similar Part No. - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Similar Description - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com