Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4237 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT4237
Description  High Voltage CMOS Boost White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT4237_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT4237_08 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT4237
Doc. No. MD-5013, Rev. B
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 4.7μF, COUT = 0.22µF, L = 33µH with 8 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
LED Current vs. Input Voltage (8 LEDS)
0
5
10
15
20
25
30
35
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
RFB = 10Ω
RFB = 15Ω
RFB = 20Ω
LED Current Regulation (20mA)
-1.0%
-0.5%
0.0%
0.5%
1.0%
3.0
3.3
3.6
3.9
4.2
4.5
4.8
INPUT VOLTAGE [V]
8 LED Efficiency vs. Load Current
65
70
75
80
85
90
5
1015
2025
30
LED CURRENT [mA]
VIN = 3.6V
VIN = 4.2V
8 LEDs
VOUT ~ 27V at 20mA
L = 33uH
8 LED Efficiency vs. Input Voltage
65
70
75
80
85
90
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
15mA
20mA
8 LEDs
VOUT ~ 27V at 20mA
L = 33uH
7 LED Efficiency vs. Load Current
65
70
75
80
85
90
5
1015
2025
30
LED CURRENT [mA]
VIN = 3.6V
VIN = 4.2V
7 LEDs
VOUT ~ 23V at 20mA
L = 33uH
6 LED Efficiency vs. Load Current
65
70
75
80
85
90
5
1015
2025
30
LED CURRENT [mA]
VIN = 3.6V
VIN = 4.2V
6 LEDs
VOUT ~ 20V at 20mA
L = 33uH


Similar Part No. - CAT4237_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
More results

Similar Description - CAT4237_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com