Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004VP2-GT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT4004VP2-GT3
Description  4-Channel Constant Current LED Driver with EZDim?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4004VP2-GT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT4004VP2-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT4004VP2-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT4004
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5024 Rev. B
Characteristics subject to change without notice
FEATURES
Four LED current sinks with tight matching
Low Dropout Driver 130mV at 30mA
No switching noise
Shutdown current < 1μA
LED current set by external resistor
Dimming via 1-wire EZDim
TM interface
Thermal shutdown protection
RoHS Compliant
8-lead 2mm x 3mm TDFN package
APPLICATIONS
LCD Display Backlight
Cellular Phones
Digital Still Cameras
Handheld Devices
ORDERING INFORMATION
Part Number
Package
Quantity
per Reel
Package
Marking
CAT4004VP2-T3
TDFN-8
(1)
3000
FT
CAT4004VP2-GT3 TDFN-8
(2)
3000
HA
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT4004 provides four matched low dropout current
sources to drive LEDs. An external resistor on RSET sets
the current in the LED channels. Each LED channel
includes an individual control loop allowing the device to
handle a wide range of LED forward voltages while still
maintaining tight current matching.
The EN/DIM logic inputs supports device enable and a
digital dimming interface for current setting of all LEDs.
Six different current dimming ratios are available.
The device is aimed at “direct drive” battery applications.
It is required that the battery or voltage source have
enough headroom to drive the LED forward voltage and
current sink (>150mV).
The device is available in a tiny 8-lead TDFN 2mm x 3mm
package with a max height of 0.8mm.
For Ordering Information details, see page 10.
PIN CONFIGURATION
TYPICAL APPLICATION CIRCUIT
8-lead TDFN Package
(Top View)
EN/DIM 1
8
VIN
GND 2
7
RSET
LED1 3
CAT4004
6
LED4
LED2 4
5
LED3
4-Channel Constant Current LED Driver with EZDim™
CAT4004
VIN
EN/DIM
RSET
GND
LED1 LED2 LED3 LED4
RSET
3.8kΩ
One wire
programming
20mA
VIN
1µF
2.4V
to
5.5V
CIN


Similar Part No. - CAT4004VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004VP2-GT3 ONSEMI-CAT4004VP2-GT3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
CAT4004VP2-GT3 ONSEMI-CAT4004VP2-GT3 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
More results

Similar Description - CAT4004VP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004 ONSEMI-CAT4004 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com