Electronic Components Datasheet Search |
|
450X1M1S501A1G2 Datasheet(PDF) 9 Page - CTS Corporation |
|
450X1M1S501A1G2 Datasheet(HTML) 9 Page - CTS Corporation |
9 / 9 page MOUNTING STYLE “A” BUSHING LENGTH: 1/8" (3.2mm) INCREMENTS EXAMPLES: 2 – .250" (6.35mm) 3 – .375" (9.53mm) 8 – 1.000" (25.4mm) 1 – TWIST TAB MOUNT A – .250" (6.35mm) DIECAST B – .375" (9.53mm) DIECAST SHAFT LENGTH “L” FROM MOUNTING SURFACE 1/32" (0.8mm) INCREMENTS EXAMPLES: 20 – .625" (15.9mm) 24 – .750" (19.1mm) 28 – .875" (22.2mm) 32 – 1.000" (25.4mm) TERMINAL STYLE T – SOLDER LUG X – PC(.688"(17.5mm) HEIGHT) U – FORMED TO FRONT V – FORMED TO REAR Ordering Information T 2 20 R 103 B 1 RESIST TOL A – ±10% B – ±20% SHAFT TRIM R – ROUND F – FLATTED .375" X .156" (9.5mm X 4.0mm) K – KNURLED S – SD SLOT .063" DEEP X .047" WIDE (1.6mm X 1.2mm) TAPER 1 – LINEAR 2 – 10% AUD 3 – 10% CCW AUD SPECIALS 1 – LEFT SIDE LUG * 4 – RIGHT SIDE LUG * 5 – NO LOCATING LUG RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 503 50K 104 100K SWITCHES FUNCTION CTS TYPE C – SPST ROTARY TGC D – DPST ROTARY 027 E – SPDT ROTARY 028 F – SPST PULL-PUSH FRK G – SPST PUSH-PUSH 040 H – SPDT PUSH-PUSH 041 K – NONE VERNIER ADJUST 10 1/4 turns L – NONE 450 6 – BOTH SIDE LUG (.236"(6.0mm) DIA OVER KNURL 24 TEETH) Y – PC(.875"(22.2mm) HEIGHT) B – SPST ROTARY 050 (.240”-.246” Dia over knurl 24 teeth) M – .250" (6.35mm) MOLDED M2 – .625" (15.9mm) M3 – .750" (19.1mm) M4 – .875" (22.2mm) M5 – 1.000" (25.4mm) METAL SHAFT * MOLDED SHAFT METAL SHAFT MOLDED SHAFT A – NONE * AVAILABLE FOR MOLDED MOUNTING BUSHING M1 – .500" (12.7mm) * 0.014” shaft length reduced when molded mounting style applied * Available for non switch and rotary switche models 9 - 9 CTS Electronic Components www.ctscorp.com 1 A DIMENSION: mm inch MOUNTING SURFACE 3/8-32 UNEF-2A THRD. 11.1 3.15 .438 .124 050-T450 Metal Shaft, Bushing Mounting, Solder Lug terminals, 050 Switch * Refer to Ordering Information for switch details WIPER 1 3 2 CLOCKWISE CIRCUIT CCW CW 11.3 1 2 3 0.4 5.6 9.5 Ø2.4 (4) 1 2 3 13.1 6.7 6.4 HOLES SWITCH TERMINAL 3.2±0.13 .125±.005 .804 20.4 15.09 .594 MOUNTING SURFACE ±0.4 ±.016 “A” ±0.8 ±.031 “L” Ø23.8 .937 .016 1.52 .060 .220 .374 .445 3/8-32 UNEF-2A THRD. .094 (2) 12.7 .500 MAX CLEARANCE HOLE 10.41±0.08 .410±.003 1.57±0.08 2.08±0.08 4.16±0.08 .164±.003 .082±.003 .410±.003 10.41±0.08 .062±.003 .062±.003 1.57±0.08 11.1 .438 .804 20.4 15.09 .594 "L" ±0.8 ±.031 12.7 .500 Ø23.8 .937 Ø23.4 .921 .252 .264 .010 x .126 2.4 x 3.2 .516 TGC-TMG450 Metal Shaft, Bushing Mounting with Insulated Plate, Type “T” Solder Lug Terminals, TGC Switch WIPER 1 3 2 CLOCKWISE CIRCUIT CCW CW CLEARANCE HOLE 10.41±0.08 .410±.003 1.57±0.08 2.08±0.08 4.16±0.08 .164±.003 .082±.003 .410±.003 10.41±0.08 .062±.003 .062±.003 1.57±0.08 * Refer to Ordering Information for switch details DIMENSION: mm inch 6.35 .250 J – SPST FR-GC ROTARY VERNIER ADJUST 5 1/2 turns 01/25/07 © 2007 CTS Corporation. All rights reserved. Information subject to change. |
Similar Part No. - 450X1M1S501A1G2 |
|
Similar Description - 450X1M1S501A1G2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |