Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TU400G Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TU400G
Description  4A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU400G Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TU400G Datasheet HTML 1Page - TAITRON Components Incorporated TU400G Datasheet HTML 2Page - TAITRON Components Incorporated TU400G Datasheet HTML 3Page - TAITRON Components Incorporated TU400G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B/AH 2007-09-22
www.taitroncomponents.com
Page 3 of 4
4A Glass Passivated Bridge Rectifier
TU400G – TU410G
Fig.3- Typical Forward Characteristics,
per leg
VF, Instantaneous Forward Voltage (V)
Fig.5-Typical Junction Capacitance,
per leg
VR, Reverse Voltage (V)
Fig.4-Typical Reverse Characteristics
per leg
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - TU400G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400 TAITRON-TU400 Datasheet
200Kb / 4P
   4A Bridge Rectifiers
More results

Similar Description - TU400G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ4 NELLSEMI-KBJ4 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Diodes Incorporated
TT410 DIODES-TT410 Datasheet
541Kb / 5P
   4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
   4A, 400V - 1000V Glass Passivated Bridge Rectifier
TS4K40-A TSC-TS4K40-A Datasheet
462Kb / 5P
   4A, 400V - 800V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com