Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TU401 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TU401
Description  4A Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU401 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TU401 Datasheet HTML 1Page - TAITRON Components Incorporated TU401 Datasheet HTML 2Page - TAITRON Components Incorporated TU401 Datasheet HTML 3Page - TAITRON Components Incorporated TU401 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A/AH 2007-09-18
www.taitroncomponents.com
Page 3 of 4
4A Bridge Rectifiers
TU400 – TU410
Fig.3- Typical Instantaneous Forward Characteristics,
per leg
Instantaneous Forward Voltage (V)
Fig.5-Typical Junction Capacitance per leg
Reverse Voltage (V)
Fig.4-Typical Reverse Leakage Characteristics
per leg
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - TU401

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU401G TAITRON-TU401G Datasheet
194Kb / 4P
   4A Glass Passivated Bridge Rectifier
More results

Similar Description - TU401

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BJ4-005 FRONTIER-BJ4-005 Datasheet
122Kb / 2P
   4A BRIDGE RECTIFIERS
BU4-005 FRONTIER-BU4-005 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU4-005 FRONTIER-GBU4-005 Datasheet
124Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS4K40 TSC-TS4K40_16 Datasheet
203Kb / 4P
   4A, 400V - 800V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
KBU4005 CITC-KBU4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 CITC-GBU4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL4005 CITC-GBL4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com