Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSR330 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSR330
Description  3.0A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR330 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSR330 Datasheet HTML 1Page - TAITRON Components Incorporated TSR330 Datasheet HTML 2Page - TAITRON Components Incorporated TSR330 Datasheet HTML 3Page - TAITRON Components Incorporated TSR330 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAIT-FAX
(800)-824-8329
(661)-257-6415
TSR320 –TSR3100
3.0A SCHOTTKY
BARRIER RECTIFIER
3.0A Schottky Barrier Rectifier
Features
• Low Forward Voltage Drop
• Low Power Loss, High Efficiency
• High Surge Current Capability
• High temperature soldering guaranteed:
250° C/10 seconds, /.0375" (9.5mm) lead length
• RoHS compliant
Mechanical Data
Case:
DO-201AD, Molded Plastic
Epoxy:
UL 94V-0 Rate Flame Retardant
Polarity:
Color Band Denotes Cathode End
Terminals:
Axial leads, solderable per MIL-STD-750, Method 2026
Weight:
0.04 ounce,1.12 grams
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
TSR
320
TSR
330
TSR
340
TSR
350
TSR
360
TSR
390
TSR
3100
Unit
VRRM
Max. recurrent peak reverse voltage
20
30
40
50
60
90
100
V
VRMS
Max. RMS voltage
14
21
28
35
42
63
70
V
VDC
Max. DC blocking voltage
20
30
40
50
60
90
100
V
Io(AV)
Max. average forward rectified current
(See Fig.1)
3.0
A
IFSM
Peak forward surge current (Note 1)
100
A
VF
Max. instantaneous forward voltage at 3.0A
0.55
0.70
0.85
V
TA =25°C
0.5
IR
Max. DC reverse
current at rated DC
blocking voltage
TA =100°C
20.0
10.0
mA
RθJA
Typical thermal resistance, Junction to
Ambient (Note2)
30
° C/W
CJ
Typical Junction Capacitance (Note3)
250
180
pF
TJ
Operating junction temperature range
-65 to +125
-65 to +150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
DO-201AD


Similar Part No. - TSR330

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSR330D00A-D1 TOKEN-TSR330D00A-D1 Datasheet
403Kb / 9P
   One Port Resonators
TSR330D00B-D2 TOKEN-TSR330D00B-D2 Datasheet
403Kb / 9P
   One Port Resonators
More results

Similar Description - TSR330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
B320AF DIODES-B320AF Datasheet
311Kb / 1P
   3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
   3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com