Electronic Components Datasheet Search |
|
CC1111F16RSP Datasheet(PDF) 10 Page - Texas Instruments |
|
CC1111F16RSP Datasheet(HTML) 10 Page - Texas Instruments |
10 / 245 page CC1110Fx / CC1111Fx SWRS033G Page 10 of 244 Parameter Min Typ Max Unit Condition Digital regulator on. High speed crystal oscillator and low power RCOSC running. Radio in RX mode (sensitivity optimized MDMCFG2.DEM_DCFILT_OFF=0 ) 19.8 19.7 17.1 mA mA mA 1.2 kBaud, input at sensitivity limit, system clock running at 26 MHz. 1.2 kBaud, input at sensitivity limit, system clock running at 24 MHz. 1.2 kBaud, input at sensitivity limit, system clock running at 203 kHz. 19.8 19.7 mA mA 1.2 kBaud, input well above sensitivity limit, system clock running at 26 MHz. 1.2 kBaud, input well above sensitivity limit, system clock running at 24 MHz. 19.8 17.1 mA mA 38.4 kBaud, input at sensitivity limit, system clock running at 26 MHz. 38.4 kBaud, input at sensitivity limit, system clock running at 203 kHz 19.8 mA 38.4 kBaud, input well above sensitivity limit, system clock running at 26 MHz. 20.5 21.5 18.1 mA mA mA 250 kBaud, input at sensitivity limit, system clock running at 26 MHz. 250 kBaud, input at sensitivity limit, system clock running at 24 MHz. 250 kBaud, input at sensitivity limit, system clock running at 1.625 MHz. Active mode with radio in RX, 433 MHz 20.5 20.2 mA mA 250 kBaud, input well above sensitivity limit, system clock running at 26 MHz. 250 kBaud, input well above sensitivity limit, system clock running at 24 MHz See Figure 2 for typical variation over operating conditions Digital regulator on. High speed crystal oscillator and low power RCOSC running. Radio in RX mode (sensitivity optimized MDMCFG2.DEM_DCFILT_OFF=0 ). 24 MHz system clock not measured 19.7 17.0 mA mA 1.2 kBaud, input at sensitivity limit, system clock running at 26 MHz. 1.2 kBaud, input at sensitivity limit, system clock running at 203 kHz. 18.7 mA 1.2 kBaud, input well above sensitivity limit, system clock running at 26 MHz. 19.7 17.0 mA mA 38.4 kBaud, input at sensitivity limit, system clock running at 26 MHz. 38.4 kBaud, input at sensitivity limit, system clock running at 203 kHz. 18.7 mA 38.4 kBaud, input well above sensitivity limit, system clock running at 26 MHz. 20.4 18.0 mA mA 250 kBaud, input at sensitivity limit, system clock running at 26 MHz. 250 kBaud, input at sensitivity limit, system clock running at 1.625 MHz. Active mode with radio in RX, 868, 915 MHz 19.1 mA 250 kBaud, input well above sensitivity limit, system clock running at 26 MHz. System clock running at 26 MHz or 24 MHz. Digital regulator on. High speed crystal oscillator and low power RCOSC running. Radio in TX mode 31.5 mA 10 dBm output power (PA_TABLE0=0xC2) 19 mA 0 dBm output power (PA_TABLE0=0x51) Active mode with radio in TX, 315 MHz 18 mA −6 dBm output power (PA_TABLE0=0x2A) |
Similar Part No. - CC1111F16RSP |
|
Similar Description - CC1111F16RSP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |