Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6370D013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6370D013TR
Description  2.5A high-side driver industrial intelligent power switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370D013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6370D013TR Datasheet HTML 2Page - STMicroelectronics L6370D013TR Datasheet HTML 3Page - STMicroelectronics L6370D013TR Datasheet HTML 4Page - STMicroelectronics L6370D013TR Datasheet HTML 5Page - STMicroelectronics L6370D013TR Datasheet HTML 6Page - STMicroelectronics L6370D013TR Datasheet HTML 7Page - STMicroelectronics L6370D013TR Datasheet HTML 8Page - STMicroelectronics L6370D013TR Datasheet HTML 9Page - STMicroelectronics L6370D013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical specifications
L6370
6/19
2.3
Electrical characteristics
Table 5.
Electrical characteristics
(VS = 24V; TJ = –25 to +125°C, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vsmin
Supply Voltage for Valid
Diagnostics
Idiag> 0.5mA ; Vdg1= 1.5V
4
35
V
Vs
Supply Voltage (operative)
9.5
24
35
V
Iq
Quiescent Current
Iout = Ios = 0
Vil
Vih
0.8
3
1.4
4
mA
Vsth1
Undervoltage Threshold 1
(See Figure 3), Tamb = 0 to
+85°C
8.599.5
V
Vsth2
Undervoltage Threshold 2
8
8.5
9
V
Vsth3
Supply Voltage Hysteresis
300
500
700
mV
Isc
Short Circuit Current
VS = 9.5 to 35V; RL= 2Ω 5kΩ<
RSC< 30kΩ
15/RSC(kΩ)A
0< RSC< 5kΩ
2.6
3.2
4
A
Vdon
Output Voltage Drop
Iout = 2.0A
Tj = 25°C
Tj = 25°C
200
320
280
440
mV
Iout = 2.5A
Tj = 25°C
Tj = 25°C
250
400
350
550
mV
Ioslk
Output Leakage Current
Vi = Vil; Vo = 0V
500
µA
Vol
Low State Out Voltage
Vi = Vil; RL = ∞
0.8
1.5
V
Vcl
Internal Voltage Clamp
(VS- VO)
IO = 1A
Single Pulsed: Tp = 300µs
48
53
58
V
Iold
Open Load Detection Current
Vi = Vih; Tamb = 0 to +85°C
1
3
6
mA
Vid
Common Mode Input Voltage
Range (Operative)
VS = 18 to 35V
-7
15
V
Iib
Input Bias Current
Vi = -7 to 15V; -In = 0V
-250
250
µA
Vith
Input Threshold Voltage
V +In > V -In
0.8
1.4
2
V
Viths
Input Threshold Hysteresis
Voltage
V +In > V -In
50
400
mV
Rid
Diff. Input Resistance
0 < +In < +16V ; -In = 0V
-7 < +In < 0V ; -In = 0V
400
150
K
Iilk
Input Offset Current
V +In = V -In
+Ii
0V < Vi < 5.5V
-Ii
-20
-75
-25
+20
µA
-In = GND
+Ii
0V < V+In <5.5V
-Ii
-250
+10
-125
+50
+In = GND
+Ii
0V < V-In <5.5V
-Ii
-100
-50
-30
-15


Similar Part No. - L6370D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370D STMICROELECTRONICS-L6370D Datasheet
93Kb / 10P
   2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
More results

Similar Description - L6370D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
93Kb / 10P
   2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com