Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 42 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 42 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 38Page - Gennum Corporation GS9090B Datasheet HTML 39Page - Gennum Corporation GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation GS9090B Datasheet HTML 46Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
42 of 71
The registers available to the host interface for programming EDH calculation
ranges include active picture and full field line/pixel start and end positions for both
fields (Table 3-13). These registers default to '0' after a device reset.
If any or all of these register values are zero, then the EDH CRC calculation ranges
will be determined from the flywheel generated timing. The first active and full field
pixel will always be the first pixel after the SAV TRS code word. The last active and
full field pixel will always be the last pixel before the start of the EAV TRS code
words.
Table 3-13: Host Interface Description for EDH Calculation Range Registers
Register Name
Bit
Name
Description
R/W
Default
AP_LINE_START_F0
Address: 15h
15-11
Not Used
10-0
AP_LINE_START_F0[10:0]
Field 0 Active Picture start line data used
to set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
AP_LINE_END_F0
Address: 16h
15-11
Not Used
10-0
AP_LINE_END_F0[10:0]
Field 0 Active Picture end line data used
to set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
AP_LINE_START_F1
Address: 17h
15-11
Not Used
10-0
AP_LINE_START_F1[10:0]
Field 1 Active Picture start line data used
to set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
AP_LINE_END_F1
Address: 18h
15-11
Not Used
10-0
AP_LINE_END_F1[10:0]
Field 1 Active Picture end line data used
to set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_LINE_START_F0
Address: 19h
15-11
Not Used
10-0
FF_LINE_START_F0[10:0]
Field 0 Full Field start line data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_LINE_END_F0
Address: 1Ah
15-11
Not Used
10-0
FF_LINE_END_F0[10:0]
Field 0 Full Field end line data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_LINE_START_F1
Address: 1Bh
15-11
Not Used
10-0
FF_LINE_START_F1[10:0]
Field 1 Full Field start line data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_LINE_END_F1
Address: 1Ch
15-11
Not Used
10-0
FF_LINE_END_F1[10:0]
Field 1 Full Field end line data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com