Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 14 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 14 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 10Page - Gennum Corporation GS9090B Datasheet HTML 11Page - Gennum Corporation GS9090B Datasheet HTML 12Page - Gennum Corporation GS9090B Datasheet HTML 13Page - Gennum Corporation GS9090B Datasheet HTML 14Page - Gennum Corporation GS9090B Datasheet HTML 15Page - Gennum Corporation GS9090B Datasheet HTML 16Page - Gennum Corporation GS9090B Datasheet HTML 17Page - Gennum Corporation GS9090B Datasheet HTML 18Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
14 of 71
Serial Digital Input
Serial Input Data Rate
DRSDI
270
Mb/s
DVB-ASI Payload Data Rate
DRASI
204 byte mode
213.9
Mb/s
2,4
188 byte mode
213.7
Mb/s
3,4
Serial Input Jitter Tolerance
IJT
0.5
UI
5
Differential Input Voltage Range
BUFF_VDD = 1.8V
200
800
1700
mVp-p
BUFF_VDD = 3.3V
100
800
2200
mVp-p
Parallel Output
Parallel Output Clock Frequency
fPCLK
––
27
MHz
Parallel Output Clock Duty Cycle
DCPCLK
–40
60
%
Variation of Parallel Output Clock
(from 27MHz)
Device Unlocked
-7.5
+7.5
%
6
Output Data Hold Time
tOH
With 15pF load
3
ns
7
Output Delay Time
tOD
With 15pF load
10
ns
7
GSPI
GSPI Input Clock Frequency
fGSPI
––
54
MHz
GSPI Clock Duty Cycle
DCGSPI
–40
60
%
GSPI Setup Time
tGS
–1.5
ns
GSPI Hold Time
tGH
––
1.5
ns
NOTES
1. No signal to signal present, or a switch from another data rate to 270Mb/s.
2. Transmission format includes 204 byte data packets preceded by two K28.5 synchronization characters. Payload data rate excludes the
two K28.5 synchronization characters.
3. Transmission format includes 188 byte data packets preceded by two K28.5 synchronization characters. Payload data rate excludes the
two K28.5 synchronization characters.
4. Maximum payload is achieved via data packet mode,however, any combination of burst and packet mode is supported as long as each
byte or packet is preceded by two K28.5 characters.
5. Power supply noise 50mVpp at 15kHz, 100kHz, 1MHz sinusoidal modulation.
6. When the serial input to the GS9090B is removed, the PCLK output signal will continue to operate at 27MHz and the internal VCO will
remain at this frequency within +/-7.5%.
7. Timing includes the following outputs: DOUT[9:0], H, V, F, ANC, EDH_DETECT, FIFO_FULL, FIFO_EMPTY, FIFO_LD, WORDERR,
SYNCOUT. When the FIFO is enabled, the outputs are measured with respect to RD_CLK.
Table 2-3: AC Electrical Characteristics (Continued)
VDD = 1.8V ±5%, 3.3V ±5%; TA = 0°C to 70°C, unless otherwise specified. Typical values: VCC = 1.8V, 3.3V and TA =25°C
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com