Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 9Page - Gennum Corporation GS9090B Datasheet HTML 10Page - Gennum Corporation GS9090B Datasheet HTML 11Page - Gennum Corporation GS9090B Datasheet HTML 12Page - Gennum Corporation GS9090B Datasheet HTML 13Page - Gennum Corporation GS9090B Datasheet HTML 14Page - Gennum Corporation GS9090B Datasheet HTML 15Page - Gennum Corporation GS9090B Datasheet HTML 16Page - Gennum Corporation GS9090B Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
13 of 71
2.3 AC Electrical Characteristics
Max. System Power
PD
CORE_VDD =
1.89V IO_VDD =
3.47V
T = 70oC
270
mW
Digital I/O
Input Voltage, Logic LOW
VIL
1.8V Operation or
3.3V Operation
0.35 x
IO_VDD
V–
Input Voltage, Logic HIGH
VIH
1.8V Operation or
3.3V Operation
0.65 x
IO_VDD
––
V
Output Voltage, Logic LOW
VOL
IOL = 8mA @ 3.3V,
4mA @ 1.8V
––
0.4
V
Output Voltage, Logic HIGH
VOH
IOL = -8mA @ 3.3V,
-4mA @ 1.8V
IO_VDD -
0.4
––
V
Serial Digital Inputs
Input Common Mode Voltage
VCMIN
BUFF_VDD
connected to 3.3V
supply
BUFF_GND
+ (VDIFF / 2)
BUFF_VDD
- (VDIFF / 2)
V–
Input Termination Resistance
RIN
37.5
50
62.5
Table 2-2: DC Electrical Characteristics (Continued)
VDD = 1.8V ±5%, 3.3V ±5%; TA = 0°C to 70°C, unless otherwise specified. Typical values: VCC = 1.8V, 3.3V and TA =25°C
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
Table 2-3: AC Electrical Characteristics
VDD = 1.8V ±5%, 3.3V ±5%; TA = 0°C to 70°C, unless otherwise specified. Typical values: VCC = 1.8V, 3.3V and TA =25°C
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
System
Asynchronous Lock Time (LOCKED
signal set HIGH)
tLOCK
Input jitter of 0.2UI,
No data to SMPTE,
SMPTE_BYPASS = HIGH
DVB_ASI = LOW,
at 25°C
235
us
1
Asynchronous Lock Time (LOCKED
signal set HIGH)
tLOCK
Input jitter of 0.2UI,
No data to non-SMPTE,
SMPTE_BYPASS = LOW
DVB_ASI = LOW,
at 25°C
165
us
1


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com