Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 62 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 62 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation GS9090B Datasheet HTML 62Page - Gennum Corporation GS9090B Datasheet HTML 63Page - Gennum Corporation GS9090B Datasheet HTML 64Page - Gennum Corporation GS9090B Datasheet HTML 65Page - Gennum Corporation GS9090B Datasheet HTML 66Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
62 of 71
3.14.3 Configuration and Status Registers
Table 3-22 summarizes the GS9090B's internal status and configuration registers.
All of these registers are available to the host via the GSPI and are all individually
addressable.
Where status registers contain less than the full 16 bits of information, two or more
registers may be combined at a single logical address.
3.15 JTAG Operation
When the JTAG/HOST pin is set HIGH, the host interface port (as described in
Section 3.14) will be configured for JTAG test operation. In this mode, pins 16, 17,
19, and 20 become TMS, TCK, TDO, and TDI respectively. In addition, the RESET
pin will operate as the test reset pin, as well as resetting the internal registers.
Boundary scan testing using the JTAG interface will be possible in this mode.
There are two methods in which JTAG can be used on the GS9090B:
1. As a stand-alone JTAG interface to be used at in-circuit ATE (Automatic Test
Equipment) during PCB assembly; or
2. Under control of the host for applications such as system power self tests.
When the JTAG tests are applied by ATE, care must be taken to disable any other
devices driving the digital I/O pins. If the tests are to be applied only at ATE, this
Table 3-22: GS9090B Internal Registers
Address
Register Name
Reference
00h
IOPROC_DISABLE
Section 3.9.8
01h
ERROR_STATUS
Section 3.9.7
02h
EDH_FLAG_IN
Section 3.9.4
03h
EDH_FLAG_OUT
Section 3.9.4
04h
DATA_FORMAT
Section 3.9.6.1
05h
IO_CONFIG
Section 3.12
06h
FIFO_EMPTY_OFFSET
Section 3.10.2.1
07h
FIFO_FULL_OFFSET
Section 3.10.2.1
08h - 0Eh
ANC_TYPE
Section 3.9.2
11h - 14h
RASTER_STRUCTURE
Section 3.9.6
15h - 24h
EDH_CALC_RANGES
Section 3.9.7.2
25h
ERROR_MASK
Section 3.9.7
28h
FIFO_LD_POSITION
Section 3.9.1.1
02Ch - 42Bh
INTERNAL FIFO
Section 3.10.3


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com