Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 61 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 61 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 57Page - Gennum Corporation GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation GS9090B Datasheet HTML 62Page - Gennum Corporation GS9090B Datasheet HTML 63Page - Gennum Corporation GS9090B Datasheet HTML 64Page - Gennum Corporation GS9090B Datasheet HTML 65Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
61 of 71
Figure 3-17: Command Word Format
Figure 3-18: Data Word Format
Figure 3-19: GSPI Read Mode Timing
Figure 3-20: GSPI Write Mode Timing
t5
Read Cycle - FIFO in ANC Extraction Mode: the minimum
duration of time between the last SCLK command (or data
word if the Auto-Increment bit is HIGH) and the first SCLK
of the data word.
222.6 ns
t6
Minimum output hold time.
1.5 ns
t7
The minimum duration of time between the last SCLK of
the GSPI transaction and when CS can be set HIGH.
37.1 ns
t8
Minimum input hold time.
1.5 ns
Table 3-21: GSPI Timing Parameters (Continued)
Parameter
Definition
Specification
MSB
LSB
A4
A5
A6
A8
A7
A9
A3
A2
A1
A0
A10
A11
AutoInc
RSV
RSV
R/W
RSV = Reserved. Must be set to zero.
R/W: Read command when R/W = 1
Write command when R/W = 0
MSB
LSB
D4
D5
D6
D8
D7
D9
D3
D2
D1
D0
D10
D11
D12
D13
D14
D15
SDOUT
R/W
RSV
RSV
A0
A1
A2
A3
A4
A5
RSV
RSV
RSV
RSV
RSV
RSV
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK
CS
SDIN
RSV
t0
t2
t3
input data
setup time
duty
cycle
t4
period
t5
t6
output data
hold time
R/W
RSV
RSV
A0
A1
A2
A3
A4
A5
RSV
RSV
RSV
RSV
RSV
RSV
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK
CS
SDIN
RSV
t0
t2
t3
input data
setup time
duty
cycle
t4
period


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com